Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707T-E/ML Datasheet(PDF) 263 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 263 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 259Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 260Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 261Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 262Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 263Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 264Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 265Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 266Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 263
PIC16F707/PIC16LF707
FIGURE 26-64:
PIC16F707 CAP SENSE OUTPUT CURRENT, POWER MODE = LOW
FIGURE 26-65:
PIC16F707 CAP SENSOR HYSTERESIS, POWER MODE = HIGH
-800
-600
-400
-200
0
200
400
600
1.8
2
2.5
3
3.2
3.6
4
4.5
5
5.5
VDD(V)
Max. Sink 85°C
Typ. Sink 25°C
Min. Sink -40°C
Min. Source 85°C
Typ. Source 25°C
Max. Source -40°C
300
400
500
600
700
1.8
2.0
2.5
3.0
3.2
3.6
4.0
4.5
5.0
5.5
Max. 125°C
Max. 85°C
Typ. 25°C
Min. 0°C
Min. -40°C
VDD(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com