Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707T-E/ML Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 120Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 121Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 122Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 123Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 124Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 125Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 126Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 127Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 124
Preliminary
 2010 Microchip Technology Inc.
REGISTER 16-1:
CPSxCON0: CAPACITIVE SENSING CONTROL REGISTER 0
R/W-0/0
R/W-0/0
U-0
U-0
R/W-0/0
R/W-0/0
R-0/0
R/W-0/0
CPSxON
CPSxRM
—
—
CPSxRNG1
CPSxRNG0
CPSxOUT
TxXCS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CPSxON: Capacitive Sensing Module Enable bit
1 = Capacitive sensing module is enabled
0 = Capacitive sensing module is disabled
bit 6
CPSxRM: Capacitive Sensing Reference Mode bit
1 = Capacitive sensing module is in high range. DAC and FVR provide oscillator voltage references.
0 = Capacitive sensing module is in low range. Internal oscillator voltage references are used.
bit 5-4
Unimplemented: Read as ‘0’
bit 3-2
CPSxRNG<1:0>: Capacitive Sensing Current Range bits
If CPSxRM = 0 (low range):
11 = Oscillator is in high range: Charge/discharge current is nominally 18 µA.
10 = Oscillator is in medium range. Charge/discharge current is nominally 1.2 µA.
01 = Oscillator is in low range. Charge/discharge current is nominally 0.1 µA.
00 = Oscillator is off.
If CPSxRM = 1 (high range):
11 = Oscillator is in high range: Charge/discharge current is nominally 100 µA.
10 = Oscillator is in medium range. Charge/discharge current is nominally 30 µA.
01 = Oscillator is in low range. Charge/discharge current is nominally 9 µA.
00 =Oscillator is on; Noise Detection mode; No charge/discharge current is supplied.
bit 1
CPSxOUT: Capacitive Sensing Oscillator Status bit
1 = Oscillator is sourcing current (Current flowing out of the pin)
0 = Oscillator is sinking current (Current flowing into the pin)
bit 0
TxXCS: TimerA/B External Clock Source Select bit
If TMRxCS = 1:
The TxXCS bit controls which clock external to the core/TimerA/B module supplies TimerA/B:
1 = TimerA/B clock source is the capacitive sensing oscillator
0 = TimerA/B clock source is the TxCKI pin
If TMRxCS = 0:
TimerA/B clock source is controlled by the core/TimerA/B module and is FOSC/4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com