Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F707T-E/ML Datasheet(PDF) 168 Page - Microchip Technology

Part # PIC16F707T-E/ML
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707T-E/ML Datasheet(HTML) 168 Page - Microchip Technology

Back Button PIC16F707T-E/ML Datasheet HTML 164Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 165Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 166Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 167Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 168Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 169Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 170Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 171Page - Microchip Technology PIC16F707T-E/ML Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 284 page
background image
PIC16F707/PIC16LF707
DS41418A-page 168
Preliminary
 2010 Microchip Technology Inc.
19.2.2
START AND STOP CONDITIONS
During times of no data transfer (Idle time), both the
clock line (SCL) and the data line (SDA) are pulled high
through external pull-up resistors. The Start and Stop
conditions determine the start and stop of data trans-
mission. The Start condition is defined as a high-to-low
transition of the SDA line while SCL is high. The Stop
condition is defined as a low-to-high transition of the
SDA line while SCL is high.
Figure 19-9 shows the Start and Stop conditions. A
master device generates these conditions for starting
and terminating data transfer. Due to the definition of
the Start and Stop conditions, when data is being trans-
mitted, the SDA line can only change state when the
SCL line is low.
FIGURE 19-9:
START AND STOP CONDITIONS
19.2.3
ACKNOWLEDGE
After the valid reception of an address or data byte, the
hardware automatically will generate the Acknowledge
(ACK) pulse and load the SSPBUF register with the
received value currently in the SSPSR register. There
are certain conditions that will cause the SSP module
not to generate this ACK pulse. They include any or all
of the following:
• The Buffer Full bit, BF of the SSPSTAT register,
was set before the transfer was received.
• The SSP Overflow bit, SSPOV of the SSPCON
register, was set before the transfer was received.
• The SSP Module is being operated in Firmware
Master mode.
In such a case, the SSPSR register value is not loaded
into the SSPBUF, but bit SSPIF of the PIR1 register is
set. Table 19-2 shows the results of when a data
transfer byte is received, given the status of bits BF and
SSPOV. Flag bit BF is cleared by reading the SSPBUF
register, while bit SSPOV is cleared through software.
SDA
SCL
P
Stop
Condition
S
Start
Condition
Change of
Data Allowed
Change of
Data Allowed
TABLE 19-2:
DATA TRANSFER RECEIVED BYTE ACTIONS
Status Bits as Data
Transfer is Received
SSPSR
 SSPBUF
Generate ACK
Pulse
Set bit SSPIF
(SSP Interrupt occurs
if enabled)
BF
SSPOV
00
Yes
Yes
Yes
10
No
No
Yes
11
No
No
Yes
0
1
No
No
Yes
Note:
Shaded cells show the conditions where the user software did not properly clear the overflow condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com