Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722AT-I/ML Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC16F722AT-I/ML
Description  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-I/ML Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC16F722AT-I/ML Datasheet HTML 169Page - Microchip Technology PIC16F722AT-I/ML Datasheet HTML 170Page - Microchip Technology PIC16F722AT-I/ML Datasheet HTML 171Page - Microchip Technology PIC16F722AT-I/ML Datasheet HTML 172Page - Microchip Technology PIC16F722AT-I/ML Datasheet HTML 173Page - Microchip Technology PIC16F722AT-I/ML Datasheet HTML 174Page - Microchip Technology PIC16F722AT-I/ML Datasheet HTML 175Page - Microchip Technology PIC16F722AT-I/ML Datasheet HTML 176Page - Microchip Technology PIC16F722AT-I/ML Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 284 page
background image
 2010 Microchip Technology Inc.
DS41417A-page 173
PIC16F/LF722A/723A
17.2.10
CLOCK SYNCHRONIZATION
When the CKP bit is cleared, the SCL output is held low
once it is sampled low. Therefore, the CKP bit will not
stretch the SCL line until an external I2C master device
has already asserted the SCL line low. The SCL output
will remain low until the CKP bit is set and all other
devices on the I2C bus have released SCL. This
ensures that a write to the CKP bit will not violate the
minimum high time requirement for SCL (Figure 17-14).
17.2.11
SLEEP OPERATION
While in Sleep mode, the I2C module can receive
addresses of data, and when an address match or
complete byte transfer occurs, wake the processor
from Sleep (if SSP interrupt is enabled).
FIGURE 17-14:
CLOCK SYNCHRONIZATION TIMING
SDA
SCL
DX-1
DX
WR
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
SSPCON
CKP
Master device
deasserts clock
Master device
asserts clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com