Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1824-E/ML Datasheet(PDF) 267 Page - Microchip Technology

Part # PIC16F1824-E/ML
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ML Datasheet(HTML) 267 Page - Microchip Technology

Back Button PIC16F1824-E/ML Datasheet HTML 263Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 264Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 265Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 266Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 267Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 268Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 269Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 270Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 271Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41419A-page 267
PIC16F/LF1824/1828
24.5.4
SLAVE MODE 10-BIT ADDRESS
RECEPTION
This section describes a standard sequence of events
for the MSSP1 module configured as an I2C Slave in
10-bit Addressing mode.
Figure 24-19 is used as a visual reference for this
description.
This is a step by step process of what must be done by
slave software to accomplish I2C communication.
1.
Bus starts Idle.
2.
Master sends Start condition; S bit of
SSP1STAT is set; SSP1IF is set if interrupt on
Start detect is enabled.
3.
Master sends matching high address with R/W
bit clear; UA bit of the SSP1STAT register is set.
4.
Slave sends ACK and SSP1IF is set.
5.
Software clears the SSP1IF bit.
6.
Software
reads
received
address
from
SSP1BUF clearing the BF flag.
7.
Slave loads low address into SSP1ADD,
releasing SCL.
8.
Master sends matching low address byte to the
Slave; UA bit is set.
9.
Slave sends ACK and SSP1IF is set.
10. Slave clears SSP1IF.
11. Slave reads the received matching address
from SSP1BUF clearing BF.
12. Slave loads high address into SSP1ADD.
13. Master clocks a data byte to the slave and
clocks out the slaves ACK on the 9th SCL pulse;
SSP1IF is set.
14. If SEN bit of SSP1CON2 is set, CKP is cleared
by hardware and the clock is stretched.
15. Slave clears SSP1IF.
16. Slave reads the received byte from SSP1BUF
clearing BF.
17. If SEN is set the slave sets CKP to release the
SCL.
18. Steps 13-17 repeat for each received byte.
19. Master sends Stop to end the transmission.
24.5.5
10-BIT ADDRESSING WITH ADDRESS OR
DATA HOLD
Reception using 10-bit addressing with AHEN or
DHEN set is the same as with 7-bit modes. The only
difference is the need to update the SSP1ADD register
using the UA bit. All functionality, specifically when the
CKP bit is cleared and SCL line is held low are the
same. Figure 24-20 can be used as a reference of a
slave in 10-bit addressing with AHEN set.
Figure 24-21 shows a standard waveform for a slave
transmitter in 10-bit Addressing mode.
Note: Updates to the SSP1ADD register are not
allowed until after the ACK sequence.
Note: If the low address does not match, SSP1IF
and UA are still set so that the slave software
can set SSP1ADD back to the high address.
BF is not set because there is no match.
CKP is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com