Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1824-E/ML Datasheet(PDF) 272 Page - Microchip Technology

Part # PIC16F1824-E/ML
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ML Datasheet(HTML) 272 Page - Microchip Technology

Back Button PIC16F1824-E/ML Datasheet HTML 268Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 269Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 270Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 271Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 272Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 273Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 274Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 275Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 420 page
background image
PIC16F/LF1824/1828
DS41419A-page 272
Preliminary
 2010 Microchip Technology Inc.
24.5.8
GENERAL CALL ADDRESS SUPPORT
The addressing procedure for the I2C bus is such that
the first byte after the Start condition usually deter-
mines which device will be the slave addressed by the
master device. The exception is the general call
address which can address all devices. When this
address is used, all devices should, in theory, respond
with an acknowledge.
The general call address is a reserved address in the
I2C protocol, defined as address 0x00. When the
GCEN bit of the SSP1CON2 register is set, the slave
module will automatically ACK the reception of this
address regardless of the value stored in SSP1ADD.
After the slave clocks in an address of all zeros with
the R/W bit clear, an interrupt is generated and slave
software
can
read
SSP1BUF
and
respond.
Figure 24-23
shows
a
general
call
reception
sequence.
In 10-bit Address mode, the UA bit will not be set on
the reception of the general call address. The slave
will prepare to receive the second byte as data, just as
it would in 7-bit mode.
If the AHEN bit of the SSP1CON3 register is set, just
as with any other address reception, the slave hard-
ware will stretch the clock after the 8th falling edge of
SCL. The slave must then set its ACKDT value and
release the clock with communication progressing as it
would normally.
FIGURE 24-24:
SLAVE MODE GENERAL CALL ADDRESS SEQUENCE
24.5.9
SSP1 MASK REGISTER
An SSP1 Mask (SSP1MSK) register (Register 24-5) is
available in I2C Slave mode as a mask for the value
held in the SSP1SR register during an address
comparison operation. A zero (‘0’) bit in the SSP1MSK
register has the effect of making the corresponding bit
of the received address a “don’t care.”
This register is reset to all ‘1’s upon any Reset
condition and, therefore, has no effect on standard
SSP1 operation until written with a mask value.
The SSP1 Mask register is active during:
• 7-bit Address mode: address compare of A<7:1>.
• 10-bit Address mode: address compare of A<7:0>
only. The SSP1 mask has no effect during the
reception of the first (high) byte of the address.
SDA
SCL
S
SSP1IF
BF (SSP1STAT<0>)
Cleared by software
SSP1BUF is read
R/W = 0
ACK
General Call Address
Address is compared to General Call Address
Receiving Data
ACK
12
3
4
5
6
7
8
9
1
2
3
45
67
8
9
D7
D6
D5
D4
D3
D2
D1
D0
after ACK, set interrupt
GCEN (SSP1CON2<7>)
’1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com