Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1824-E/ML Datasheet(PDF) 357 Page - Microchip Technology

Part # PIC16F1824-E/ML
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ML Datasheet(HTML) 357 Page - Microchip Technology

Back Button PIC16F1824-E/ML Datasheet HTML 353Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 354Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 355Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 356Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 357Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 358Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 359Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 360Page - Microchip Technology PIC16F1824-E/ML Datasheet HTML 361Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41419A-page 357
PIC16F/LF1824/1828
Supply Current (IDD)(1, 2)
D015
—
2.0
—
A1.8
FOSC = 31 kHz
LFINTOSC mode
—4.0
—
A3.0
D015
—
21
—
A
1.8
FOSC = 31 kHz
LFINTOSC mode
—
27
—
A
3.0
—
28
—
A
5.0
D016
—
110
—
A1.8
FOSC = 500 kHz
MFINTOSC mode
—
150
—
A3.0
D016
—
150
—
A
1.8
FOSC = 500 kHz
MFINTOSC mode
—
210
—
A
3.0
—
270
—
A
5.0
D017*
—
.25
—
mA
1.8
FOSC = 8 MHz
HFINTOSC mode
—.45
—
mA
3.0
D017*
—
.35
—
mA
1.8
FOSC = 8 MHz
HFINTOSC mode
—
.55
—
mA
3.0
—
.75
—
mA
5.0
D018
—
.47
—
mA
1.8
FOSC = 16 MHz
HFINTOSC mode
—.84
—
mA
3.0
D018
—
.7
—
mA
1.8
FOSC = 16 MHz
HFINTOSC mode
—
1.0
—
mA
3.0
—
1.4
—
mA
5.0
D019
—
1.6
—
mA
3.0
FOSC = 32 MHz
HFINTOSC mode (Note 3)
—1.8
—
mA
3.6
D019
—
1.6
—
mA
3.0
FOSC = 32 MHz
HFINTOSC mode (Note 3)
—
1.8
—
mA
5.0
29.2
DC Characteristics: PIC16F/LF1824/1828-I/E (Industrial, Extended) (Continued)
PIC16LF1824/1828
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1824/1828
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
3:
8 MHz internal RC oscillator with 4x PLL enabled.
4:
8 MHz crystal oscillator with 4x PLL enabled.
5:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be extended
by the formula IR = VDD/2REXT (mA) with REXT in k
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com