| Electronic Components Datasheet Search |
|
PIC18F23K22 Datasheet(PDF) 213 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22 Datasheet(HTML) 213 Page - Microchip Technology |
|
213 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 213 PIC18(L)F2X/4XK22 15.2.3 SPI MASTER MODE The master can initiate the data transfer at any time because it controls the SCKx line. The master determines when the slave (Processor 2, Figure 15-5) is to broadcast data by the software protocol. In Master mode, the data is transmitted/received as soon as the SSPxBUF register is written to. If the SPI is only going to receive, the SDOx output could be dis- abled (programmed as an input). The SSPxSR register will continue to shift in the signal present on the SDIx pin at the programmed clock rate. As each byte is received, it will be loaded into the SSPxBUF register as if a normal received byte (interrupts and Status bits appropriately set). The clock polarity is selected by appropriately programming the CKP bit of the SSPxCON1 register and the CKE bit of the SSPxSTAT register. This then, would give waveforms for SPI communication as shown in Figure 15-6, Figure 15-8 and Figure 15-9, where the MSB is transmitted first. In Master mode, the SPI clock rate (bit rate) is user programmable to be one of the following: •FOSC/4 (or TCY) •FOSC/16 (or 4 * TCY) •FOSC/64 (or 16 * TCY) • Timer2 output/2 •FOSC/(4 * (SSPxADD + 1)) Figure 15-6 shows the waveforms for Master mode. When the CKE bit is set, the SDOx data is valid before there is a clock edge on SCKx. The change of the input sample is shown based on the state of the SMP bit. The time when the SSPxBUF is loaded with the received data is shown. FIGURE 15-6: SPI MODE WAVEFORM (MASTER MODE) SCKx (CKP = 0 SCKx (CKP = 1 SCKx (CKP = 0 SCKx (CKP = 1 4 Clock Modes Input Sample Input Sample SDIx bit 7 bit 0 SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 bit 7 SDIx SSPxIF (SMP = 1) (SMP = 0) (SMP = 1) CKE = 1) CKE = 0) CKE = 1) CKE = 0) (SMP = 0) Write to SSPxBUF SSPxSR to SSPxBUF SDOx bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 (CKE = 0) (CKE = 1) bit 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |