| Electronic Components Datasheet Search |
|
PIC18F23K22 Datasheet(PDF) 191 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22 Datasheet(HTML) 191 Page - Microchip Technology |
|
191 / 492 page ![]() 2010 Microchip Technology Inc. Preliminary DS41412B-page 191 PIC18(L)F2X/4XK22 14.4.1 HALF-BRIDGE MODE In Half-Bridge mode, two pins are used as outputs to drive push-pull loads. The PWM output signal is output on the CCPx/PxA pin, while the complementary PWM output signal is output on the PxB pin (see Figure 14-9). This mode can be used for Half-Bridge applications, as shown in Figure 14-9, or for Full-Bridge applications, where four power switches are being modulated with two PWM signals. In Half-Bridge mode, the programmable dead-band delay can be used to prevent shoot-through current in Half- Bridge power devices. The value of the PDC<6:0> bits of the PWMxCON register sets the number of instruction cycles before the output is driven active. If the value is greater than the duty cycle, the corresponding output remains inactive during the entire cycle. See Section 14.4.5 “Programmable Dead-Band Delay Mode” for more details of the dead-band delay operations. Since the PxA and PxB outputs are multiplexed with the PORT data latches, the associated TRIS bits must be cleared to configure PxA and PxB as outputs. FIGURE 14-8: EXAMPLE OF HALF- BRIDGE PWM OUTPUT FIGURE 14-9: EXAMPLE OF HALF-BRIDGE APPLICATIONS Period Pulse Width td td (1) PxA(2) PxB(2) td = Dead-Band Delay Period (1) (1) Note 1: At this time, the TMRx register is equal to the PRx register. 2: Output signals are shown as active-high. PxA PxB FET Driver FET Driver Load + - + - FET Driver FET Driver V+ Load FET Driver FET Driver PxA PxB Standard Half-Bridge Circuit (“Push-Pull”) Half-Bridge Output Driving a Full-Bridge Circuit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |