Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722AT-I/SS Datasheet(PDF) 155 Page - Microchip Technology

Part # PIC16F722AT-I/SS
Description  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-I/SS Datasheet(HTML) 155 Page - Microchip Technology

Back Button PIC16F722AT-I/SS Datasheet HTML 151Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 152Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 153Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 154Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 155Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 156Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 157Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 158Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 284 page
background image
 2010 Microchip Technology Inc.
DS41417A-page 155
PIC16F/LF722A/723A
17.0 SSP MODULE OVERVIEW
The Synchronous Serial Port (SSP) module is a serial
interface useful for communicating with other peripher-
als or microcontroller devices. These peripheral
devices may be serial EEPROMs, shift registers, dis-
play drivers, A/D converters, etc. The SSP module can
operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C™)
17.1
SPI Mode
The SPI mode allows 8 bits of data to be synchronously
transmitted and received, simultaneously. The SSP
module can be operated in one of two SPI modes:
•Master mode
• Slave mode
SPI is a full-duplex protocol, with all communication
being bidirectional and initiated by a master device. All
clocking is provided by the master device and all bits
are transmitted, MSb first. Care must be taken to
ensure that all devices on the SPI bus are setup to
allow all controllers to send and receive data at the
same time.
A typical SPI connection between microcontroller
devices is shown in Figure 17-1. Addressing of more
than one slave device is accomplished via multiple
hardware slave select lines. External hardware and
additional I/O pins must be used to support multiple
slave select addressing. This prevents extra overhead
in software for communication.
For SPI communication, typically three pins are used:
• Serial Data Out (SDO)
• Serial Data In (SDI)
• Serial Clock (SCK)
Additionally, a fourth pin may be used when in a Slave
mode of operation:
• Slave Select (SS)
FIGURE 17-1:
TYPICAL SPI MASTER/SLAVE CONNECTION
Serial Input Buffer
(SSPBUF)
Shift Register
(SSPSR)
MSb
LSb
SDO
SDI
Processor 1
SCK
SPI Master SSPM<3:0> = 00xx
Serial Input Buffer
(SSPBUF)
Shift Register
(SSPSR)
LSb
MSb
SDI
SDO
Processor 2
SCK
SPI Slave SSPM<3:0> = 010x
Serial Clock
SS
Slave Select
General I/O
(optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com