Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722AT-I/SS Datasheet(PDF) 172 Page - Microchip Technology

Part # PIC16F722AT-I/SS
Description  28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722AT-I/SS Datasheet(HTML) 172 Page - Microchip Technology

Back Button PIC16F722AT-I/SS Datasheet HTML 168Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 169Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 170Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 171Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 172Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 173Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 174Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 175Page - Microchip Technology PIC16F722AT-I/SS Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 284 page
background image
PIC16F/LF722A/723A
DS41417A-page 172
 2010 Microchip Technology Inc.
17.2.7
CLOCK STRETCHING
During any SCL low phase, any device on the I2C bus
may hold the SCL line low and delay, or pause, the
transmission of data. This “stretching” of a transmission
allows devices to slow down communication on the
bus. The SCL line must be constantly sampled by the
master to ensure that all devices on the bus have
released SCL for more data.
Stretching usually occurs after an ACK bit of a
transmission, delaying the first bit of the next byte. The
SSP module hardware automatically stretches for two
conditions:
• After a 10-bit address byte is received (update
SSPADD register)
• Anytime the CKP bit of the SSPCON register is
cleared by hardware
The module will hold SCL low until the CKP bit is set.
This allows the user slave software to update SSPBUF
with data that may not be readily available. In 10-bit
addressing modes, the SSPADD register must be
updated after receiving the first and second address
bytes. The SSP module will hold the SCL line low until
the SSPADD has a byte written to it. The UA bit of the
SSPSTAT register will be set, along with SSPIF,
indicating an address update is needed.
17.2.8
FIRMWARE MASTER MODE
Master mode of operation is supported in firmware
using interrupt generation on the detection of the Start
and Stop conditions. The Stop (P) and Start (S) bits of
the SSPSTAT register are cleared from a Reset or
when the SSP module is disabled (SSPEN cleared).
The Stop (P) and Start (S) bits will toggle based on the
Start and Stop conditions. Control of the I2C bus may
be taken when the P bit is set or the bus is Idle and both
the S and P bits are clear.
In Firmware Master mode, the SCL and SDA lines are
manipulated by setting/clearing the corresponding TRIS
bit(s). The output level is always low, irrespective of the
value(s) in the corresponding PORT register bit(s).
When transmitting a ‘1’, the TRIS bit must be set (input)
and a ‘0’, the TRIS bit must be clear (output).
The following events will cause the SSP Interrupt Flag
bit, SSPIF, to be set (SSP Interrupt will occur if
enabled):
• Start condition
• Stop condition
• Data transfer byte transmitted/received
Firmware Master mode of operation can be done with
either the Slave mode Idle (SSPM<3:0> = 1011), or
with either of the Slave modes in which interrupts are
enabled. When both master and slave functionality is
enabled, the software needs to differentiate the
source(s) of the interrupt.
Refer
to
Application
Note
AN554,
“Software
Implementation of I2C™ Bus Master” (DS00554) for more
information.
17.2.9
MULTI-MASTER MODE
In Multi-Master mode, the interrupt generation on the
detection of the Start and Stop conditions allow the
determination of when the bus is free. The Stop (P) and
Start (S) bits are cleared from a Reset or when the SSP
module is disabled. The Stop (P) and Start (S) bits will
toggle based on the Start and Stop conditions. Control
of the I2C bus may be taken when the P bit of the
SSPSTAT register is set or when the bus is Idle, and
both the S and P bits are clear. When the bus is busy,
enabling the SSP Interrupt will generate the interrupt
when the Stop condition occurs.
In Multi-Master operation, the SDA line must be
monitored to see if the signal level is the expected
output level. This check only needs to be done when a
high level is output. If a high level is expected and a low
level is present, the device needs to release the SDA
and SCL lines (set TRIS bits). There are two stages
where this arbitration of the bus can be lost. They are
the address transfer and data transfer stages.
When the slave logic is enabled, the slave continues to
receive. If arbitration was lost during the address
transfer stage, communication to the device may be in
progress. If addressed, an ACK pulse will be
generated. If arbitration was lost during the data
transfer stage, the device will need to re-transfer the
data at a later time.
Refer to Application Note AN578, “Use of the SSP
Module in the I2C™ Multi-Master Environment”
(DS00578) for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com