Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1824-E/ST Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC16F1824-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ST Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC16F1824-E/ST Datasheet HTML 117Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 118Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 119Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 120Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 121Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 122Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 123Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 124Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41419A-page 121
PIC16F/LF1824/1828
12.0 I/O PORTS
Depending on the device selected and peripherals
enabled, there are up to two ports available. In general,
when a peripheral is enabled, that pin may not be used
as a general purpose I/O pin.
Each port has three registers for its operation. These
registers are:
• TRISx registers (data direction register)
• PORTx registers (reads the levels on the pins of
the device)
• LATx registers (output latch)
The Data Latch (LATx registers) is useful for
read-modify-write operations on the value that the I/O
pins are driving.
A write operation to the LATx register has the same
affect as a write to the corresponding PORTx register.
A read of the LATx register reads of the values held in
the I/O PORT latches, while a read of the PORTx
register reads the actual I/O pin value.
Ports with analog functions also have an ANSELx
register which can disable the digital input and save
power. A simplified model of a generic I/O port, without
the interfaces to other peripherals, is shown in
Figure 12-1.
FIGURE 12-1:
GENERIC I/O PORT
OPERATION
12.1
Alternate Pin Function
The Alternate Pin Function Control 0 (APFCON0) and
Alternate Pin Function Control 1 (APFCON1) registers
are used to steer specific peripheral input and output
functions between different pins. The APFCON0 and
APFCON1 registers are shown in Register 12-1 and
Register 12-2. For this device family, the following
functions can be moved between different pins.
• RX/DT/TX/CK
•SDO
•SS (Slave Select)
•T1G
• P1B/P1C/P1D/P2B
• CCP1/P1A/CCP2
These bits have no effect on the values of any TRIS
register. PORT and TRIS overrides will be routed to the
correct pin. The unselected pin will be unaffected.
Q
D
CK
Write LATx
Data Register
I/O pin
Read PORTx
Write PORTx
TRISx
Read LATx
Data Bus
To peripherals
ANSELx
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com