Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1824-E/ST Datasheet(PDF) 135 Page - Microchip Technology

Part # PIC16F1824-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ST Datasheet(HTML) 135 Page - Microchip Technology

Back Button PIC16F1824-E/ST Datasheet HTML 131Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 132Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 133Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 134Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 135Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 136Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 137Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 138Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41419A-page 135
PIC16F/LF1824/1828
12.4
PORTC Registers
PORTC is a 6-bit wide (8-bit wide for PIC16F/LF1828),
bidirectional port. The corresponding data direction
register is TRISC (Register 12-10). Setting a TRISC bit
(= 1) will make the corresponding PORTC pin an input
(i.e., put the corresponding output driver in a
High-Impedance mode). Clearing a TRISC bit (= 0) will
make the corresponding PORTC pin an output (i.e.,
enable the output driver and put the contents of the
output latch on the selected pin). Example 12-2 shows
how to initialize PORTC.
Reading the PORTC register (Register 12-9) reads the
status of the pins, whereas writing to it will write to the
PORT latch. All write operations are read-modify-write
operations. Therefore, a write to a port implies that the
port pins are read, this value is modified and then written
to the PORT data latch (LATC).
The TRISC register (Register 12-10) controls the
PORTC pin output drivers, even when they are being
used as analog inputs. The user should ensure the bits in
the TRISC register are maintained set when using them
as analog inputs. I/O pins configured as analog input
always read ‘0’.
The INLVLC register (Register 12-14) controls the input
voltage threshold for each of the available PORTC
input pins. A selection between the Schmitt Trigger
CMOS or the TTL Compatible thresholds is available.
The input threshold is important in determining the
value of a read of the PORTC register and also the
level at which an Interrupt-on-Change occurs, if that
feature is enabled. See Section 29.4 “DC Character-
istics: PIC16F/LF1824/1828-I/E” for more information
on threshold levels.
12.4.1
WEAK PULL-UPS
Each of the PORTC pins has an individually configurable
internal weak pull-up. Control bits WPUC<7:0> enable or
disable each pull-up (see Register 12-19). Each weak
pull-up is automatically turned off when the port pin is
configured as an output. All pull-ups are disabled on a
Power-on Reset by the WPUEN bit of the OPTION
register.
12.4.2
ANSELC REGISTER
The ANSELC register (Register 12-12) is used to
configure the Input mode of an I/O pin to analog.
Setting the appropriate ANSELC bit high will cause all
digital reads on the pin to be read as ‘0’ and allow
analog functions on the pin to operate correctly.
The state of the ANSELC bits has no affect on digital out-
put functions. A pin with TRIS clear and ANSELC set will
still operate as a digital output, but the Input mode will be
analog. This can cause unexpected behavior when exe-
cuting read-modify-write instructions on the affected
port.
EXAMPLE 12-3:
INITIALIZING PORTC
Note:
Changing the input threshold selection
should be performed while all peripheral
modules are disabled. Changing the
threshold level during the time a module is
active may inadvertently generate a tran-
sition associated with an input pin, regard-
less of the actual voltage level on that pin.
Note:
The ANSELC register must be initialized
to configure an analog channel as a digital
input. Pins configured as analog inputs will
read ‘0’.
BANKSEL PORTC
;
CLRF
PORTC
;Init PORTC
BANKSEL LATC
;Data Latch
CLRF
LATC
;
BANKSEL ANSELC
CLRF
ANSELC
;Make RC<5:0> digital
BANKSEL TRISB
;
MOVLW
B’00110000’;Set RC<5:4> as inputs
;and RC<3:0> as outputs
MOVWF
TRISC
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com