Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1824-E/ST Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16F1824-E/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1824-E/ST Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16F1824-E/ST Datasheet HTML 163Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 164Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 165Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 166Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 167Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 168Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 169Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 170Page - Microchip Technology PIC16F1824-E/ST Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41419A-page 167
PIC16F/LF1824/1828
17.0 SR LATCH
The module consists of a single SR latch with multiple
Set and Reset inputs as well as separate latch outputs.
The SR latch module includes the following features:
• Programmable input selection
• SR latch output is available externally
• Separate Q and Q outputs
• Firmware Set and Reset
The SR latch can be used in a variety of analog appli-
cations, including oscillator circuits, one-shot circuit,
hysteretic controllers, and analog timing applications.
17.1
Latch Operation
The latch is a Set-Reset Latch that does not depend on
a clock source. Each of the Set and Reset inputs are
active-high. The latch can be Set or Reset by:
• Software control (SRPS and SRPR bits)
• Comparator C1 output (SYNCC1OUT)
• Comparator C2 output (SYNCC2OUT)
•SRI pin
• Programmable clock (SRCLK)
The SRPS and the SRPR bits of the SRCON0 register
may be used to Set or Reset the SR latch, respectively.
The latch is Reset-dominant. Therefore, if both Set and
Reset inputs are high, the latch will go to the Reset
state. Both the SRPS and SRPR bits are self resetting
which means that a single write to either of the bits is all
that is necessary to complete a latch Set or Reset oper-
ation.
The output from Comparator C1 or C2 can be used as
the Set or Reset inputs of the SR latch. The output of
either Comparator can be synchronized to the Timer1
clock
source.
See
Section 18.0
“Comparator
Module” and Section 20.0 “Timer1 Module with
Gate Control” for more information.
An external source on the SRI pin can be used as the
Set or Reset inputs of the SR latch.
An internal clock source is available that can periodically
set or reset the SR latch. The SRCLK<2:0> bits in the
SRCON0 register are used to select the clock source
period. The SRSCKE and SRRCKE bits of the SRCON1
register enable the clock source to Set or Reset the SR
latch, respectively.
17.2
Latch Output
The SRQEN and SRNQEN bits of the SRCON0 regis-
ter control the Q and Q latch outputs. Both of the SR
latch outputs may be directly output to an I/O pin at the
same time.
The applicable TRIS bit of the corresponding port must
be cleared to enable the port pin output driver.
17.3
Effects of a Reset
Upon any device Reset, the SR latch output is not ini-
tialized to a known state. The user’s firmware is
responsible for initializing the latch output before
enabling the output pins.
Note:
Enabling both the Set and Reset inputs
from any one source at the same time may
result in indeterminate operation, as the
Reset dominance cannot be assured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com