Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K20-E/P Datasheet(PDF) 424 Page - Microchip Technology

Part # PIC18F23K20-E/P
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/P Datasheet(HTML) 424 Page - Microchip Technology

Back Button PIC18F23K20-E/P Datasheet HTML 420Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 421Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 422Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 423Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 424Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 425Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 426Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 427Page - Microchip Technology PIC18F23K20-E/P Datasheet HTML 428Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 456 page
background image
PIC18F2XK20/4XK20
DS41303G-page 424
 2010 Microchip Technology Inc.
FIGURE 27-42:
PIC18F4XK20/PIC18F2XK20 TYPICAL HF-INTOSC FREQUENCY
FIGURE 27-43:
PIC18F4XK20/PIC18F2XK20 TYPICAL HF-INTOSC FREQUENCY
-40°C
25°C
85°C
125°C
15.68
15.76
15.84
15.92
16.00
16.08
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD (V)
3.0V
Min
Max
15.20
15.36
15.52
15.68
15.84
16.00
16.16
16.32
16.48
16.64
16.80
-40
-20
0
20
40
60
80
100
120
Temp. (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com