Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-MV/ML Datasheet(PDF) 219 Page - Microchip Technology

Part # PIC16F722-MV/ML
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-MV/ML Datasheet(HTML) 219 Page - Microchip Technology

Back Button PIC16F722-MV/ML Datasheet HTML 215Page - Microchip Technology PIC16F722-MV/ML Datasheet HTML 216Page - Microchip Technology PIC16F722-MV/ML Datasheet HTML 217Page - Microchip Technology PIC16F722-MV/ML Datasheet HTML 218Page - Microchip Technology PIC16F722-MV/ML Datasheet HTML 219Page - Microchip Technology PIC16F722-MV/ML Datasheet HTML 220Page - Microchip Technology PIC16F722-MV/ML Datasheet HTML 221Page - Microchip Technology PIC16F722-MV/ML Datasheet HTML 222Page - Microchip Technology PIC16F722-MV/ML Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 219
PIC16F72X/PIC16LF72X
Program Flash Memory
D130
EP
Cell Endurance
100
1k
—
E/W
Temperature during programming:
10°C
≤ TA ≤ 40°C
D131
VDD for Read
VMIN
——
V
Voltage on MCLR/VPP during
Erase/Program
8.0
—
9.0
V
Temperature during programming:
10°C
≤ TA ≤ 40°C
VDD for Bulk Erase
2.7
3
—
V
Temperature during programming:
10°C
≤ TA ≤ 40°C
D132
VPEW
VDD for Write or Row Erase
2.7
—
—
V
VMIN = Minimum operating voltage
VMAX = Maximum operating
voltage
IPPPGM
Current on MCLR/VPP during
Erase/Write
——
5.0
mA
Temperature during programming:
10°C
≤ TA ≤ 40°C
IDDPGM
Current on VDD during Erase/
Write
—
5.0
mA
Temperature during programming:
10°C
≤ TA ≤ 40°C
D133
TPEW
Erase/Write cycle time
—
2.8
ms
Temperature during programming:
10°C
≤ TA ≤ 40°C
D134
TRETD
Characteristic Retention
40
—
—
Year
Provided no other specifications
are violated
VCAP Capacitor Charging
D135
Charging current
—
200
—
μA
D135A
Source/sink capability when
charging complete
—0.0
—
mA
23.4
DC Characteristics: PIC16F72X/PIC16LF72X-I/E (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
Legend:
TBD = To Be Determined
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an external
clock in RC mode.
2: Negative current is defined as current sourced by the pin.
3: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
4: Including OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com