Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-E/P Datasheet(PDF) 217 Page - Microchip Technology

Part # PIC16F722-E/P
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/P Datasheet(HTML) 217 Page - Microchip Technology

Back Button PIC16F722-E/P Datasheet HTML 213Page - Microchip Technology PIC16F722-E/P Datasheet HTML 214Page - Microchip Technology PIC16F722-E/P Datasheet HTML 215Page - Microchip Technology PIC16F722-E/P Datasheet HTML 216Page - Microchip Technology PIC16F722-E/P Datasheet HTML 217Page - Microchip Technology PIC16F722-E/P Datasheet HTML 218Page - Microchip Technology PIC16F722-E/P Datasheet HTML 219Page - Microchip Technology PIC16F722-E/P Datasheet HTML 220Page - Microchip Technology PIC16F722-E/P Datasheet HTML 221Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 217
PIC16F72X/PIC16LF72X
Power-down Base Current (IPD)(2)
D027
—
0.06
0.7
5.0
μA
1.8
A/D Current (Note 1, Note 4), no
conversion in progress
—
0.08
1.0
5.5
μA3.0
D027
—
6
10.7
18
μA
1.8
A/D Current (Note 1, Note 4), no
conversion in progress
—
7
10.6
20
μA
3.0
—
7.2
11.9
22
μA
5.0
D027A
—
250
400
—
μA
1.8
A/D Current (Note 1, Note 4),
conversion in progress
—
250
400
—
μA3.0
D027A
—
280
430
—
μA
1.8
A/D Current (Note 1, Note 4,
Note 5), conversion in progress
—
280
430
—
μA
3.0
—
280
430
—
μA
5.0
D028
—
2.2
3.2
14.4
μA
1.8
Cap Sense Low Power
Oscillator mode
—3.3
4.4
15.6
μA3.0
D028
—
6.5
13
21
μA
1.8
Cap Sense Low Power
Oscillator mode
—
8
14
23
μA
3.0
—
8
14
25
μA
5.0
D028A
—
4.2
6
17
μA
1.8
Cap Sense Medium Power
Oscillator mode
—6
7
18
μA3.0
D028A
—
8.5
15.5
23
μA
1.8
Cap Sense Medium Power
Oscillator mode
—
11
17
24
μA
3.0
—
11
18
27
μA
5.0
D028B
—
12
14
25
μA
1.8
Cap Sense High Power
Oscillator mode
—32
35
44
μA3.0
D028B
—
16
20
31
μA
1.8
Cap Sense High Power
Oscillator mode
—
36
41
50
μA
3.0
—
42
49
58
μA
5.0
23.3
DC Characteristics: PIC16F72X/PIC16LF72X-I/E (Power-Down) (Continued)
PIC16LF72X
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
PIC16F72X
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
Δ current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
Fixed Voltage Reference is automatically enabled whenever the BOR is enabled
4:
A/D oscillator source is FRC
5:
0.1
μF capacitor on VCAP (RA0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com