Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F722-MV/SP Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F722-MV/SP
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-MV/SP Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F722-MV/SP Datasheet HTML 97Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 98Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 99Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 100Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 101Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 102Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 103Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 104Page - Microchip Technology PIC16F722-MV/SP Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 101
PIC16F72X/PIC16LF72X
TABLE 9-1:
ADC CLOCK PERIOD (TAD) VS. DEVICE OPERATING FREQUENCIES
FIGURE 9-2:
ANALOG-TO-DIGITAL CONVERSION TAD CYCLES
ADC Clock Period (TAD)
Device Frequency (FOSC)
ADC
Clock Source
ADCS<2:0>
20 MHz
16 MHz
8 MHz
4 MHz
1 MHz
Fosc/2
000
100 ns(2)
125 ns(2)
250 ns(2)
500 ns(2)
2.0
μs
Fosc/4
100
200 ns(2)
250 ns(2)
500 ns(2)
1.0
μs4.0 μs
Fosc/8
001
400 ns(2)
0.5
μs(2)
1.0
μs2.0 μs
8.0
μs(3)
Fosc/16
101
800 ns
1.0
μs2.0 μs4.0 μs
16.0
μs(3)
Fosc/32
010
1.6
μs2.0 μs4.0 μs
8.0
μs(3)
32.0
μs(3)
Fosc/64
110
3.2
μs4.0 μs
8.0
μs(3)
16.0
μs(3)
64.0
μs(3)
FRC
x11
1.0-6.0
μs(1,4) 1.0-6.0 μs(1,4) 1.0-6.0 μs(1,4) 1.0-6.0 μs(1,4) 1.0-6.0 μs(1,4)
Legend: Shaded cells are outside of recommended range.
Note 1:
The FRC source has a typical TAD time of 1.6
μs for VDD.
2:
These values violate the minimum required TAD time.
3:
For faster conversion times, the selection of another clock source is recommended.
4:
When the device frequency is greater than 1 MHz, the FRC clock source is only recommended if the
conversion will be performed during Sleep.
TAD1
TAD2
TAD3
TAD4
TAD5
TAD6
TAD7
TAD8
TAD9
Set GO/DONE bit
Holding Capacitor is Disconnected from Analog Input (typically 100 ns)
b7
b6
b5
b4
b3
b2
b1
b0
Tcy to TAD
Conversion Starts
ADRES register is loaded,
GO/DONE bit is cleared,
ADIF bit is set,
Holding capacitor is connected to analog input
TAD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com