Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I.MX27 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # I.MX27
Description  Multimedia Applications Processor
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

I.MX27 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button I.MX27 Datasheet HTML 16Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 17Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 18Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 19Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 20Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 21Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 22Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 23Page - Freescale Semiconductor, Inc I.MX27 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 148 page
background image
i.MX27 and i.MX27L Data Sheet, Rev. 1.5
20
Freescale Semiconductor
Functional Description and Application Information
2.3.25
Personal Computer Memory Card International Association
(PCMCIA)
The Personal Computer Memory Card International Association (PCMCIA) provides the PCMCIA 2.1
standard, which defines the usage of memory and I/O devices as insertable and exchangeable peripherals
for personal computers or PDAs. Examples of these types of devices include CompactFlash and WLAN
adapters.
The pcmcia_if host adapter module provides the control logic for PCMCIA socket interfaces, and requires
some additional external analog power switching logic and buffering. The additional external buffers
allow the pcmcia_if host adapter module to support one PCMCIA socket. The pcmcia_if shares its chip
level I/O with the external interface to memory (EIM) pins. Additional logic is required to multiplex the
EIM and the pcmcia_if on the same pins.
2.3.26
Digital Phase Lock Loop (DPLL)
Two on-chip Digital Phase Lock Loop (DPLLs) provide clock generation in digital and mixed
analog/digital chips designed for wireless communication and other applications. The DPLLs produce a
high-frequency chip clock signals with a low frequency and phase jitter.
2.3.27
Pulse-Width Modulator (PWM)
The Pulse-Width Modulator (PWM) has a 16-bit counter and is optimized to generate sounds from stored
sample audio images; it can also generate tones. The PWM uses 16-bit resolution and a 4
× 16 data FIFO
to generate sound. The 16-bit up-counter has a source selectable clock with 4
× 16 FIFO to minimize
interrupt overhead. Clock-in frequency is controlled by a 12-bit prescaler for the division of a clock.
Capable of sound and melody generation, the PWM has an active-high or active-low configurable output,
and can be programmed to be active in low-power and debug modes. The PWM can be programmed to
generate interrupts at compare and rollover events.
2.3.28
Real Time Clock (RTC)
The Real Time Clock (RTC) module maintains the system clock, provides stopwatch, alarm, and
interrupt functions, and supports the following features:
Full clock—days, hours, minutes, seconds
Minute countdown timer with interrupt
Programmable daily alarm with interrupt
Sampling timer with interrupt
Once-per-day, once-per-hour, once-per-minute, and once-per-second interrupts
Operation at 32.768 kHz or 32 kHz, or 38.4 kHz (determined by reference clock crystal)
The prescaler converts the incoming crystal reference clock to a 1 Hz signal, which is used to increment
the seconds, minutes, hours, and days TOD counters. The alarm functions, when enabled, generate RTC
interrupts when the TOD settings reach programmed values. The sampling timer generates
fixed-frequency interrupts, and the minute stopwatch allows for efficient interrupts on very small
boundaries.


Similar Part No. - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
I.MX27 FREESCALE-I.MX27 Datasheet
1Mb / 152P
Multimedia Applications Processor Multiple clock and power domains
I.MX27L FREESCALE-I.MX27L_11 Datasheet
1Mb / 152P
Multimedia Applications Processor Multiple clock and power domains
More results

Similar Description - I.MX27

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX27VOP4 FREESCALE-MCIMX27VOP4 Datasheet
1Mb / 118P
Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27 Datasheet
10Mb / 1650P
Multimedia Applications Processor
MCIMX27 FREESCALE-MCIMX27_08 Datasheet
1Mb / 132P
Multimedia Applications Processor
MCIMX27EC FREESCALE-MCIMX27EC Datasheet
1Mb / 148P
Multimedia Applications Processor
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
Multimedia Applications Processor for Automotive Products
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118B RENESAS-MC-10118B_15 Datasheet
3Mb / 66P
MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
Multimedia Processor
logo
NXP Semiconductors
MCIMX27EC NXP-MCIMX27EC Datasheet
1Mb / 154P
Multimedia Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com