Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/ML Datasheet(PDF) 244 Page - Microchip Technology

Part # PIC16F1933-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/ML Datasheet(HTML) 244 Page - Microchip Technology

Back Button PIC16F1933-E/ML Datasheet HTML 240Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 241Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 242Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 243Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 244Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 245Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 246Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 247Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 242
Preliminary
© 2008 Microchip Technology Inc.
TABLE 21-1:
LCD SEGMENT AND DATA
REGISTERS
The LCDCON register (Register 21-1) controls the
operation of the LCD driver module. The LCDPS regis-
ter (Register 21-2) configures the LCD clock source
prescaler and the type of waveform; Type-A or Type-B.
The LCDSE registers (Register 21-5) configure the
functions of the port pins.
The following LCDSE registers are available:
• LCDSE0
SE<7:0>
• LCDSE1
SE<15:8>
• LCDSE2
SE<23:16>(1)
Once the module is initialized for the LCD panel, the
individual bits of the LCDDATA<11:0> registers are
cleared/set to represent a clear/dark pixel, respectively:
• LCDDATA0
SEG<7:0>COM0
• LCDDATA1
SEG<15:8>COM0
• LCDDATA2
SEG<23:16>COM0(1)
• LCDDATA3
SEG<7:0>COM1
• LCDDATA4
SEG<15:8>COM1
• LCDDATA5
SEG<23:16>COM1(1)
• LCDDATA6
SEG<7:0>COM2
• LCDDATA7
SEG<15:8>COM2
• LCDDATA8
SEG<23:16>COM2(1)
• LCDDATA9
SEG<7:0>COM3
• LCDDATA10 SEG<15:8>COM3
• LCDDATA11 SEG<23:16>COM3(1)
As
an
example,
LCDDATAx
is
detailed
in
Register 21-6.
Once the module is configured, the LCDEN bit of the
LCDCON register is used to enable or disable the LCD
module. The LCD panel can also operate during Sleep
by clearing the SLPEN bit of the LCDCON register.
Device
# of LCD Registers
Segment
Enable
Data
PIC16F1933/1936/1938/
PIC16LF1933/1936/1938
28
PIC16F1934/1937/1939/
PIC16LF1934/1937/1939
312
Note 1: PIC16F1934/1937/1939/
PIC16LF1934/1937/1939 only.
Note 1: PIC16F1934/1937/1939/
PIC16LF1934/1937/1939 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com