Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/ML Datasheet(PDF) 254 Page - Microchip Technology

Part # PIC16F1933-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/ML Datasheet(HTML) 254 Page - Microchip Technology

Back Button PIC16F1933-E/ML Datasheet HTML 250Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 251Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 252Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 253Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 254Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 255Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 256Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 257Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 258Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 252
Preliminary
© 2008 Microchip Technology Inc.
REGISTER 21-7:
LCDRL: LCD REFERENCE LADDER CONTROL REGISTERS
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
LRLAP1
LRLAP0
LRLBP1
LRLBP0
—
LRLAT2
LRLAT1
LRLAT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-6
LRLAP<1:0>: LCD Reference Ladder A Time Power Control bits
During Time interval A (Refer to Figure 21-4):
00
= Internal LCD Reference Ladder is powered down and unconnected
01
= Internal LCD Reference Ladder is powered in low-power mode
10
= Internal LCD Reference Ladder is powered in medium-power mode
11
= Internal LCD Reference Ladder is powered in high-power mode
bit 5-4
LRLBP<1:0>: LCD Reference Ladder B Time Power Control bits
During Time interval B (Refer to Figure 21-4):
00
= Internal LCD Reference Ladder is powered down and unconnected
01
= Internal LCD Reference Ladder is powered in low-power mode
10
= Internal LCD Reference Ladder is powered in medium-power mode
11
= Internal LCD Reference Ladder is powered in high-power mode
bit 3
Unimplemented: Read as ‘0’
bit 2-0
LRLAT<2:0>: LCD Reference Ladder A Time interval control bits
Sets the number of 32 kHz clocks that the A Time interval power mode is active
For type A waveforms (WFT = 0):
000
= Internal LCD Reference Ladder is always in ‘B’ power mode
001
= Internal LCD Reference Ladder is in ‘A’ power mode for 1 clock and ‘B’ power mode for 15 clocks
010
= Internal LCD Reference Ladder is in ‘A’ power mode for 2 clocks and ‘B’ power mode for 14 clocks
011
= Internal LCD Reference Ladder is in ‘A’ power mode for 3 clocks and ‘B’ power mode for 13 clocks
100
= Internal LCD Reference Ladder is in ‘A’ power mode for 4 clocks and ‘B’ power mode for 12 clocks
101
= Internal LCD Reference Ladder is in ‘A’ power mode for 5 clocks and ‘B’ power mode for 11 clocks
110
= Internal LCD Reference Ladder is in ‘A’ power mode for 6 clocks and ‘B’ power mode for 10 clocks
111
= Internal LCD Reference Ladder is in ‘A’ power mode for 7 clocks and ‘B’ power mode for 9 clocks
For type B waveforms (WFT = 1):
000
= Internal LCD Reference Ladder is always in ‘B’ power mode.
001
= Internal LCD Reference Ladder is in ‘A’ power mode for 1 clock and ‘B’ power mode for 31 clocks
010
= Internal LCD Reference Ladder is in ‘A’ power mode for 2 clocks and ‘B’ power mode for 30 clocks
011
= Internal LCD Reference Ladder is in ‘A’ power mode for 3 clocks and ‘B’ power mode for 29 clocks
100
= Internal LCD Reference Ladder is in ‘A’ power mode for 4 clocks and ‘B’ power mode for 28 clocks
101
= Internal LCD Reference Ladder is in ‘A’ power mode for 5 clocks and ‘B’ power mode for 27 clocks
110
= Internal LCD Reference Ladder is in ‘A’ power mode for 6 clocks and ‘B’ power mode for 26 clocks
111
= Internal LCD Reference Ladder is in ‘A’ power mode for 7 clocks and ‘B’ power mode for 25 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com