Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/ML Datasheet(PDF) 389 Page - Microchip Technology

Part # PIC16F1933-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/ML Datasheet(HTML) 389 Page - Microchip Technology

Back Button PIC16F1933-E/ML Datasheet HTML 385Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 386Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 387Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 388Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 389Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 390Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 391Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 392Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 393Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 387
PIC16F193X/LF193X
TABLE 28-18: CAP SENSE OSCILLATOR SPECIFICATIONS
FIGURE 28-22:
CAP SENSE OSCILLATOR
Param.
No.
Symbol
Characteristic
Min.
Typ†
Max.
Units
Conditions
CS01
ISRC
Current Source
High
—
-5.8
—
μs
Medium
—
-1.1
—
μs
Low
—
-0.2
—
μs
CS02
ISNK
Current Sink
High
—
6.6
—
μs
Medium
—
1.3
—
μs
Low
—
0.24
—
μs
CS03
VCTH
Cap Threshold
High
—
0.8
—
μs
CS04
VCTL
Cap Threshold
Low
—
0.4
—
μs
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
ISRC
VCTH
VCTL
ISNK
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com