| Electronic Components Datasheet Search |
|
PIC16F1933-E/P Datasheet(PDF) 288 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1933-E/P Datasheet(HTML) 288 Page - Microchip Technology |
|
288 / 418 page ![]() PIC16F193X/LF193X DS41364A-page 286 Preliminary © 2008 Microchip Technology Inc. 22.3.8 OPERATION IN POWER-MANAGED MODES In SPI Master mode, module clocks may be operating at a different speed than when in full power mode; in the case of the Sleep mode, all clocks are halted. Special care must be taken by the user when the MSSP clock is much faster than the system clock. When MSSP interrupts are enabled, after the master completes sending data, an MSSP interrupt will wake the controller: • from Sleep, in Slave mode • from Idle, in Slave or Master mode If an exit from Sleep or Idle mode is not desired, MSSP interrupts should be disabled. In SPI Master mode, when the Sleep mode is selected, all module clocks are halted and the transmis- sion/reception will remain in that state until the device wakes. After the device returns to Run mode, the mod- ule will resume transmitting and receiving data. In SPI Slave mode, the SPI Transmit/Receive Shift register operates asynchronously to the device. This allows the device to be placed in any power-managed mode and data to be shifted into the SPI Transmit/Receive Shift register. When all 8 bits have been received, the MSSP interrupt flag bit will be set and if enabled, will wake the device. TABLE 22-1: REGISTERS ASSOCIATED WITH SPI OPERATION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page APFCON — CCP3SEL T1GSEL P2BSEL SRNQSEL C2OUTSEL SSSEL CCP2SEL 84 INTCON GIE PEIE TMR0IE INTE IOCIE TMR0IF INTF IOCIF 73 PIE1 TMR1GIE ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 74 PIR1 TMR1GIf ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 77 SSPBUF Synchronous Serial Port Receive Buffer/Transmit Register 281* SSPCON1 WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 277 SSPCON3 ACKTIM PCIE SCIE BOEN SDAHT SBCDE AHEN DHEN 279 SSPSTAT SMP CKE D/A P S R/W UA BF 276 TRISA TRISA7 TRISA6 TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 86 TRISC TRISC7 TRISC6 TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 94 Legend: Shaded cells are not used by the MSSP in SPI mode. * Page provides register information. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |