Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201 Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC24F04KA201
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 98Page - Microchip Technology PIC24F04KA201 Datasheet HTML 99Page - Microchip Technology PIC24F04KA201 Datasheet HTML 100Page - Microchip Technology PIC24F04KA201 Datasheet HTML 101Page - Microchip Technology PIC24F04KA201 Datasheet HTML 102Page - Microchip Technology PIC24F04KA201 Datasheet HTML 103Page - Microchip Technology PIC24F04KA201 Datasheet HTML 104Page - Microchip Technology PIC24F04KA201 Datasheet HTML 105Page - Microchip Technology PIC24F04KA201 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 100
Preliminary
© 2009 Microchip Technology Inc.
10.1.1
OPEN-DRAIN CONFIGURATION
In addition to the PORT, LAT and TRIS registers for
data control, each port pin can also be individually
configured for either digital or open-drain output. This is
controlled by the Open-Drain Control register, ODCx,
associated with each port. Setting any of the bits
configures the corresponding pin to act as an
open-drain output.
The maximum open-drain voltage allowed is the same
as the maximum VIH specification.
10.2
Configuring Analog Port Pins
The use of the AD1PCFG and TRIS registers control
the operation of the A/D port pins. The port pins that are
desired
as
analog
inputs
must
have
their
corresponding TRIS bit set (input). If the TRIS bit is
cleared (output), the digital output level (VOH or VOL)
will be converted.
When reading the PORT register, all pins configured as
analog input channels will read as cleared (a low level).
Analog levels on any pin that is defined as a digital
input (including the ANx pins) may cause the input
buffer to consume current that exceeds the device
specifications.
10.2.1
I/O PORT WRITE/READ TIMING
One instruction cycle is required between a port
direction change or port write operation and a read
operation of the same port. Typically, this instruction
would be a NOP.
10.3
Input Change Notification
The input change notification function of the I/O ports
allows the PIC24F04KA201 family of devices to
generate interrupt requests to the processor in
response to a change of state on selected input pins.
This feature is capable of detecting input change of
states even in Sleep mode, when the clocks are
disabled. Depending on the device pin count, there are
up to 17 external signals (11 on 14-pin devices) that
may be selected (enabled) for generating an interrupt
request on a change of state.
There are six control registers associated with the CN
module. The CNEN1 and CNEN2 registers contain the
interrupt enable control bits for each of the CN input
pins. Setting any of these bits enables a CN interrupt
for the corresponding pins.
Each CN pin also has a weak pull-up/pull-down
connected to it. The pull-ups act as a current source
that is connected to the pin and the pull-downs act as a
current sink to eliminate the need for external resistors
when push button or keypad devices are connected.
On any pin, only the pull-up resistor or the pull-down
resistor should be enabled, but not both of them. If the
push button or the keypad is connected to VDD, enable
the pull-down, or if they are connected to VSS, enable
the pull-up resistors. The pull-ups are enabled
separately using the CNPU1 and CNPU2 registers,
which contain the control bits for each of the CN pins.
Setting any of the control bits enables the weak
pull-ups for the corresponding pins. The pull-downs are
enabled separately using the CNPD1 and CNPD2
registers, which contain the control bits for each of the
CN pins. Setting any of the control bits enables the
weak pull-downs for the corresponding pins.
When the internal pull-up is selected, the pin uses VDD
as the pull-up source voltage. When the internal
pull-down is selected, the pins are pulled down to VSS
by an internal resistor. Make sure that there is no
external pull-up source/pull-down sink when the
internal pull-ups/pull-downs are enabled.
EXAMPLE 10-1:
PORT WRITE/READ EXAMPLE
Note:
Pull-ups and pull-downs on change
notification
pins
should
always
be
disabled whenever the port pin is
configured as a digital output.
MOV
0xFF00, W0;
//Configure PORTB<15:8> as inputs and PORTB<7:0> as outputs
MOV
W0, TRISBB;
NOP;
//Delay 1 cycle
BTSS
PORTB, #13;
//Next Instruction
Equivalent ‘C’ Code
TRISB = 0xFF00;
//Configure PORTB<15:8> as inputs and PORTB<7:0> as outputs
NOP();
//Delay 1 cycle
if(PORTBbits.RB13 == 1)
// execute following code if PORTB pin 13 is set.
{
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com