Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 200 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 200 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 196Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 197Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 198Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 199Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 200Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 201Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 202Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 203Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 198
Preliminary
© 2009 Microchip Technology Inc.
FIGURE 26-3:
EXTERNAL CLOCK TIMING
OSCI
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
OS20
OS25
OS30
OS30
OS40
OS41
OS31
OS31
Q1
Q2
Q3
Q4
Q2
Q3
TABLE 26-19: EXTERNAL CLOCK TIMING REQUIREMENTS
AC CHARACTERISTICS
Standard Operating Conditions: 1.8 to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
OS10 FOSC External CLKI Frequency
(External clocks allowed
only in EC mode)
DC
4
—
—
32
8
MHz
MHz
EC
ECPLL
Oscillator Frequency
0.2
4
4
31
—
—
—
—
4
25
8
33
MHz
MHz
MHz
kHz
XT
HS
HSPLL
SOSC
OS20 TOSC TOSC = 1/FOSC
—
—
—
—
See parameter OS10 for FOSC
value
OS25 TCY
Instruction Cycle Time(2)
62.5
—
DC
ns
OS30 TosL,
TosH
External Clock in (OSCI)
High or Low Time
0.45 x TOSC
——
ns
EC
OS31 TosR,
TosF
External Clock in (OSCI)
Rise or Fall Time
——
20
ns
EC
OS40 TckR CLKO Rise Time(3)
—6
10
ns
OS41 TckF
CLKO Fall Time(3)
—6
10
ns
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Instruction cycle period (TCY) equals two times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type under standard operating conditions with
the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption. All devices are tested to operate at “Min.” values with an
external clock applied to the OSCI/CLKI pin. When an external clock input is used, the “Max.” cycle time
limit is “DC” (no clock) for all devices.
3:
Measurements are taken in EC mode. The CLKO signal is measured on the OSCO pin. CLKO is low for the
Q1-Q2 period (1/2 TCY) and high for the Q3-Q4 period (1/2 TCY).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com