Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 123Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 124Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 125Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 126Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 127Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 128Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 129Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 130Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 125
PIC24F04KA201 FAMILY
16.0
INTER-INTEGRATED CIRCUIT
(I2C™)
The Inter-Integrated Circuit (I2C™) module is a serial
interface
useful for communicating with other
peripheral or microcontroller devices. These peripheral
devices may be serial data EEPROMs, display drivers,
A/D Converters, etc.
The I2C module supports these features:
• Independent master and slave logic
• 7-bit and 10-bit device addresses
• General call address, as defined in the I2C protocol
• Clock stretching to provide delays for the
processor to respond to a slave data request
• Both 100 kHz and 400 kHz bus specifications
• Configurable address masking
• Multi-Master modes to prevent loss of messages
in arbitration
• Bus Repeater mode, allowing the acceptance of
all messages as a slave regardless of the address
• Automatic SCL
Figure 16-1 illustrates a block diagram of the module.
16.1
Pin Remapping Options
The I2C module is tied to a fixed pin. To allow flexibility
with peripheral multiplexing, the I2C1 module in 20-pin
devices can be reassigned to the alternate pins,
designated as SCL1 and SDA1 during device
configuration.
Pin assignment is controlled by the I2C1SEL
Configuration bit. Programming this bit (= 0) multiplexes
the module to the SCL1 and SDA1 pins.
16.2
Communicating as a Master in a
Single Master Environment
The details of sending a message in Master mode
depends on the communications protocol for the device
being communicated with. Typically, the sequence of
events is as follows:
1.
Assert a Start condition on SDA1 and SCL1.
2.
Send the I2C device address byte to the slave
with a write indication.
3.
Wait for and verify an Acknowledge from the
slave.
4.
Send the first data byte (sometimes known as
the command) to the slave.
5.
Wait for and verify an Acknowledge from the
slave.
6.
Send the serial memory address low byte to the
slave.
7.
Repeat steps 4 and 5 until all data bytes are
sent.
8.
Assert a Repeated Start condition on SDA1 and
SCL1.
9.
Send the device address byte to the slave with
a read indication.
10. Wait for and verify an Acknowledge from the
slave.
11. Enable master reception to receive serial
memory data.
12. Generate an ACK or NACK condition at the end
of a received byte of data.
13. Generate a Stop condition on SDA1 and SCL1.
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Inter-Integrated Circuit, refer to the
“PIC24F
Family
Reference
Manual”
,
Section 24. “Inter-Integrated Circuit
(I2C™)”
(DS39702).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com