Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 133Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 134Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 135Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 136Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 137Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 138Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 139Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 140Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 135
PIC24F04KA201 FAMILY
17.2
Transmitting in 8-Bit Data Mode
1.
Set up the UART:
a)
Write appropriate values for data, parity and
Stop bits.
b)
Write appropriate baud rate value to the
U1BRG register.
c)
Set up transmit and receive interrupt enable
and priority bits.
2.
Enable the UART.
3.
Set the UTXEN bit (causes a transmit interrupt
two cycles after being set).
4.
Write data byte to lower byte of U1TXREG word.
The value will be immediately transferred to the
Transmit Shift Register (TSR), and the serial bit
stream will start shifting out with the next rising
edge of the baud clock.
5.
Alternately, the data byte may be transferred
while UTXEN = 0, and then, the user may set
UTXEN. This will cause the serial bit stream to
begin immediately because the baud clock will
start from a cleared state.
6.
A transmit interrupt will be generated as per
interrupt control bit, UTXISEL1.
17.3
Transmitting in 9-Bit Data Mode
1.
Set up the UART (as described in Section 17.2
“Transmitting in 8-Bit Data Mode”
).
2.
Enable the UART.
3.
Set the UTXEN bit (causes a transmit interrupt
two cycles after being set).
4.
Write U1TXREG as a 16-bit value only.
5.
A word write to U1TXREG triggers the transfer
of the 9-bit data to the TSR. The serial bit stream
will start shifting out with the first rising edge of
the baud clock.
6.
A transmit interrupt will be generated as per the
setting of control bit, UTXISEL1.
17.4
Break and Sync Transmit
Sequence
The following sequence will send a message frame
header made up of a Break, followed by an auto-baud
Sync byte.
1.
Configure the UART for the desired mode.
2.
Set UTXEN and UTXBRK – sets up the Break
character.
3.
Load the U1TXREG with a dummy character to
initiate transmission (value is ignored).
4.
Write ‘55h’ to U1TXREG – loads the Sync
character into the transmit FIFO.
5.
After the Break has been sent, the UTXBRK bit
is reset by hardware. The Sync character now
transmits.
17.5
Receiving in 8-Bit or 9-Bit Data
Mode
1.
Set up the UART (as described in Section 17.2
“Transmitting in 8-Bit Data Mode”
).
2.
Enable the UART.
3.
A receive interrupt will be generated when one
or more data characters have been received as
per interrupt control bit, URXISEL1.
4.
Read the OERR bit to determine if an overrun
error has occurred. The OERR bit must be reset
in software.
5.
Read U1RXREG.
The act of reading the UxRXREG character will move
the next character to the top of the receive FIFO,
including a new set of PERR and FERR values.
17.6
Operation of U1CTS and U1RTS
Control Pins
UART1 Clear to Send (U1CTS) and Request to Send
(U1RTS) are the two hardware-controlled pins that are
associated with the UART module. These two pins
allow the UART to operate in Simplex and Flow Control
modes. They are implemented to control the
transmission and reception between the Data Terminal
Equipment (DTE). The UEN<1:0> bits in the U1MODE
register configure these pins.
17.7
Infrared Support
The UART module provides two types of infrared UART
support: one is the IrDA clock output to support an
external IrDA encoder and decoder device (legacy
module
support),
and
the
other
is
the
full
implementation of the IrDA encoder and decoder.
As the IrDA modes require a 16x baud clock, they will
only work when the BRGH bit (U1MODE<3>) is ‘0’.
17.7.1
EXTERNAL IrDA SUPPORT – IrDA
CLOCK OUTPUT
To support external IrDA encoder and decoder devices,
the U1BCLK pin (same as the U1RTS pin) can be
configured to generate the 16x baud clock. When
UEN<1:0> = 11, the U1BCLK pin will output the 16x
baud clock if the UART module is enabled; it can be
used to support the IrDA codec chip.
17.7.2
BUILT-IN IrDA ENCODER AND
DECODER
The UART has full implementation of the IrDA encoder
and decoder as part of the UART module. The built-in
IrDA encoder and decoder functionality is enabled
using the IREN bit (U1MODE<12>). When enabled
(IREN = 1), the receive pin (U1RX) acts as the input
from the infrared receiver. The transmit pin (U1TX) acts
as the output to the infrared transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com