Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 187 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 187 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 183Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 184Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 185Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 186Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 187Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 188Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 189Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 190Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 185
PIC24F04KA201 FAMILY
26.0
ELECTRICAL CHARACTERISTICS
This section provides an overview of the PIC24F04KA201 family electrical characteristics. Additional information will be
provided in future revisions of this document as it becomes available.
Absolute maximum ratings for the PIC24F04KA201 family are listed below. Exposure to these maximum rating
conditions for extended periods may affect device reliability. Functional operation of the device at these, or any other
conditions above the parameters indicated in the operation listings of this specification, is not implied.
Absolute Maximum Ratings(†)
Ambient temperature under bias.............................................................................................................-40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ......................................................................................................... -0.3V to +5.0V
Voltage on any combined analog and digital pin, with respect to VSS ........................................... -0.3V to (VDD + 0.3V)
Voltage on any digital only pin with respect to VSS ....................................................................... -0.3V to (VDD + 0.3V)
Voltage on MCLR/VPP pin with respect to VSS ......................................................................................... -0.3V to +9.0V
Maximum current out of VSS pin ...........................................................................................................................300 mA
Maximum current into VDD pin (1)..........................................................................................................................250 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin ....................................................................................................25 mA
Maximum current sunk by all ports .......................................................................................................................200 mA
Maximum current sourced by all ports (1)..............................................................................................................200 mA
Note 1:
Maximum allowable current is a function of device maximum power dissipation (see Table 26-1).
†NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com