Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24F04KA201T-I/SS Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC24F04KA201T-I/SS
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201T-I/SS Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC24F04KA201T-I/SS Datasheet HTML 191Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 192Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 193Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 194Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 195Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 196Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 197Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 198Page - Microchip Technology PIC24F04KA201T-I/SS Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 224 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39937B-page 193
PIC24F04KA201 FAMILY
DC70
0.045
0.200
μA
-40°C
1.8V
LPBOR(3,4)
DC70a
0.200
+25°C
DC70b
0.200
+60°C
DC70c
0.200
+85°C
DC70d
0.095
0.200
μA
-40°C
3.3V
DC70e
0.200
+25°C
DC70f
0.200
+60°C
DC70g
0.200
+85°C
DC71
0.35
0.55
μA
-40°C
1.8V
Deep Sleep Watchdog Timer:
DSWDT (SOSC – LP)(5)
DC71a
0.55
+25°C
DC71b
0.55
+60°C
DC71c
0.55
+85°C
DC71d
0.55
0.75
μA
-40°C
3.3V
DC71e
0.75
+25°C
DC71f
0.75
+60°C
DC71g
0.75
+85°C
DC72
0.005
0.200
μA
-40°C
1.8V
Deep Sleep BOR: DSBOR(3,5)
DC72a
0.200
+25°C
DC72b
0.200
+60°C
DC72c
0.200
+85°C
DC72d
0.010
0.200
μA
-40°C
3.3V
DC72e
0.200
+25°C
DC72f
0.200
+60°C
DC72g
0.200
+85°C
TABLE 26-8:
DC CHARACTERISTICS: POWER-DOWN CURRENT (IPD) (CONTINUED)
DC CHARACTERISTICS
Standard Operating Conditions: 1.8V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Conditions
Power-Down Current (IPD): PMD Bits are Set, PMSLP Bit is ‘0’(2)
Note 1:
Data in the Typical column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
2:
Base IPD is measured with all peripherals and clocks shut down. All I/Os are configured as inputs and pulled
high. WDT, etc., are all switched off.
3:
The
Δ current is the additional current consumed when the module is enabled. This current should be added to
the base IPD current.
4:
Current applies to Sleep only.
5:
Current applies to Deep Sleep only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com