Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/ML Datasheet(PDF) 234 Page - Microchip Technology

Part # PIC16F1933-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/ML Datasheet(HTML) 234 Page - Microchip Technology

Back Button PIC16F1933-E/ML Datasheet HTML 230Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 231Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 232Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 233Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 234Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 235Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 236Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 237Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 234
Preliminary
 2009 Microchip Technology Inc.
REGISTER 22-4:
CCPxAS: CCPX AUTO-SHUTDOWN CONTROL REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
CCPxASE
CCPxAS<2:0>
PSSxAC<1:0>
PSSxBD<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CCPxASE:
CCPx Auto-Shutdown Event Status bit
1
= A shutdown event has occurred; CCPx outputs are in shutdown state
0
= CCPx outputs are operating
bit 6-4
CCxPAS<2:0>:
CCPx Auto-Shutdown Source Select bits
000
= Auto-shutdown is disabled
001
= Comparator C1 output low(1)
010
= Comparator C2 output low(1)
011
= Either Comparator C1 or C2 low(1)
100
=VIL on INT pin
101
=VIL on INT pin or Comparator C1 low(1)
110
=VIL on INT pin or Comparator C2 low(1)
111
=VIL on INT pin or Comparator C1 or Comparator C2 low(1)
bit 3-2
PSSxAC<1:0>:
Pins PxA and PxC Shutdown State Control bits
00
= Drive pins PxA and PxC to ‘0’
01
= Drive pins PxA and PxC to ‘1’
1x
= Pins PxA and PxC tri-state
bit 1-0
PSSxBD<1:0>:
Pins PxB and PxD Shutdown State Control bits
00
= Drive pins PxB and PxD to ‘0’
01
= Drive pins PxB and PxD to ‘1’
1x
= Pins PxB and PxD tri-state
Note 1:
If CxSYNC is enabled, the shutdown will be delayed by Timer1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com