Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/ML Datasheet(PDF) 262 Page - Microchip Technology

Part # PIC16F1933-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/ML Datasheet(HTML) 262 Page - Microchip Technology

Back Button PIC16F1933-E/ML Datasheet HTML 258Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 259Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 260Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 261Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 262Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 263Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 264Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 265Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 266Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 262
Preliminary
 2009 Microchip Technology Inc.
23.5.4
SLAVE MODE 10-BIT ADDRESS
RECEPTION
This section describes a standard sequence of events
for the MSSP module configured as an I2C Slave in
10-bit Addressing mode.
Figure 23-19 is used as a visual reference for this
description.
This is a step by step process of what must be done by
slave software to accomplish I2C communication.
1.
Bus starts Idle.
2.
Master sends Start condition; S bit of SSPSTAT
is set; SSPIF is set if interrupt on Start detect is
enabled.
3.
Master sends matching high address with R/W
bit clear; UA bit of the SSPSTAT register is set.
4.
Slave sends ACK and SSPIF is set.
5.
Software clears the SSPIF bit.
6.
Software reads received address from SSPBUF
clearing the BF flag.
7.
Slave loads low address into SSPADD,
releasing SCL.
8.
Master sends matching low address byte to the
Slave; UA bit is set.
9.
Slave sends ACK and SSPIF is set.
10. Slave clears SSPIF.
11. Slave reads the received matching address
from SSPBUF clearing BF.
12. Slave loads high address into SSPADD.
13. Master clocks a data byte to the slave and
clocks out the slaves ACK on the 9th SCL pulse;
SSPIF is set.
14. If SEN bit of SSPCON2 is set, CKP is cleared by
hardware and the clock is stretched.
15. Slave clears SSPIF.
16. Slave reads the received byte from SSPBUF
clearing BF.
17. If SEN is set the slave sets CKP to release the
SCL.
18. Steps 13-17 repeat for each received byte.
19. Master sends Stop to end the transmission.
23.5.5
10-BIT ADDRESSING WITH
ADDRESS OR DATA HOLD
Reception using 10-bit addressing with AHEN or
DHEN set is the same as with 7-bit modes. The only
difference is the need to update the SSPADD register
using the UA bit. All functionality, specifically when the
CKP bit is cleared and SCL line is held low are the
same. Figure 23-20 can be used as a reference of a
slave in 10-bit addressing with AHEN set.
Figure 23-21 shows a standard waveform for a slave
transmitter in 10-bit Addressing mode.
Note:
Updates to the SSPADD register are not
allowed until after the ACK sequence.
Note:
If the low address does not match, SSPIF
and UA are still set so that the slave software
can set SSPADD back to the high address.
BF is not set because there is no match.
CKP is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com