Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1933-E/ML Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC16F1933-E/ML
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1933-E/ML Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC16F1933-E/ML Datasheet HTML 130Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 131Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 132Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 133Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 134Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 135Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 136Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 137Page - Microchip Technology PIC16F1933-E/ML Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 508 page
background image
PIC16F193X/LF193X
DS41364D-page 134
Preliminary
 2009 Microchip Technology Inc.
TABLE 12-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
TABLE 12-2:
SUMMARY OF CONFIGURATION WORD WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
—
CHS<4:0>
GO/DONE
ADON
161
ADCON1
ADFM
ADCS<2:0>
—
ADNREF
ADPREF<1:0>
162
ANSELA
—
—
ANSA5
ANSA4
ANSA3
ANSA2
ANSA1
ANSA0
133
APFCON
—
CCP3SEL
T1GSEL
P2BSEL
SRNQSEL C2OUTSEL
SSSEL
CCP2SEL
130
CM1CON0
C1ON
C1OUT
C1OE
C1POL
—
C1SP
C1HYS
C1SYNC
180
CM2CON0
C2ON
C2OUT
C2OE
C2POL
—
C2SP
C2HYS
C2SYNC
180
CM1CON1
C1NTP
C1INTN
C1PCH<1:0>
—
—
C1NCH<1:0>
181
CM2CON1
C2NTP
C2INTN
C2PCH<1:0>
—
—
C2NCH<1:0>
181
CPSCON0
CPSON
CPSRM(2)
—
—
CPSRNG<1:0>
CPSOUT
T0XCS
323
CPSCON1
—
—
—
—
CPSCH<3:0>
324
DACCON0
DACEN
DACLPS
DACOE
---
DACPSS<1:0>
---
DACNSS
172
LATA
LATA7
LATA6
LATA5
LATA4
LATA3
LATA2
LATA1
LATA0
132
LCDCON
LCDEN
SLPEN
WERR
—
CS<1:0>
LMUX<1:0>
329
LCDSE0
SE7
SE6
SE5
SE4
SE3
SE2
SE1
SE0
333
LCDSE1
SE15
SE14
SE13
SE12
SE11
SE10
SE9
SE8
333
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS<2:0>
191
PORTA
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
132
SRCON0
SRLEN
SRCLK<2:0>
SRQEN
SRNQEN
SRPS
SRPR
185
SSPxCON1
WCOL
SSPxOV
SSPxEN
CKP
SSPxM<3:0>
285
TRISA
TRISA7TRISA6TRISA5TRISA4TRISA3TRISA2TRISA1TRISA0
132
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Note
1:
PIC16F193X only.
2:
The Capacitive Sensing Reference Mode (CPSRM) bit is not available for the PIC16F/LF1934/1936 devices.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG1
13:8
—
—
FCMEN
IESO
CLKOUTEN
BOREN<1:0>
CPD
64
7:0
CP
MCLRE
PWRTE
WDTE<1:0>
FOSC<2:0>
CONFIG2
13:8
—
—
LVP
DEBUG
—
BORV
STVREN
PLLEN
66
7:0
—
—
VCAPEN<1:0>(1)
—
—
WRT<1:0>
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by PORTA.
Note
1:
PIC16F193X only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com