| Electronic Components Datasheet Search |
|
PIC16F887-E/ML Datasheet(PDF) 323 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F887-E/ML Datasheet(HTML) 323 Page - Microchip Technology |
|
323 / 328 page ![]() © 2009 Microchip Technology Inc. DS41291F-page 321 PIC16F882/883/884/886/887 Bus Collision During a Stop Condition ...................... 207 Bus Collision for Transmit and Acknowledge............ 203 CLKOUT and I/O....................................................... 257 Clock Timing ............................................................. 255 Comparator Output ..................................................... 83 Enhanced Capture/Compare/PWM (ECCP) ............. 261 EUSART Synchronous Receive (Master/Slave) ....... 266 EUSART Synchronous Transmission (Master/Slave) .................................................. 266 Fail-Safe Clock Monitor (FSCM) ................................. 72 Full-Bridge PWM Output ........................................... 137 Half-Bridge PWM Output .................................. 135, 144 I2C Bus Data ............................................................. 270 I2C Bus Start/Stop Bits.............................................. 269 I2C Master Mode First Start Bit Timing ..................... 196 I2C Master Mode Reception Timing .......................... 200 I2C Master Mode Transmission Timing..................... 199 I2C Module Bus Collision Transmit Timing ........................................ 203 INT Pin Interrupt........................................................ 222 Internal Oscillator Switch Timing................................. 68 Master Mode Transmit Clock Arbitration................... 202 PWM Auto-shutdown Auto-restart Enabled ......................................... 143 Firmware Restart .............................................. 143 PWM Direction Change ............................................ 138 PWM Direction Change at Near 100% Duty Cycle ... 139 PWM Output (Active-High)........................................ 133 PWM Output (Active-Low) ........................................ 134 Repeat Start Condition.............................................. 197 Reset, WDT, OST and Power-up Timer ................... 258 Send Break Character Sequence ............................. 170 Slave Synchronization .............................................. 186 SPI Master Mode (CKE = 1, SMP = 1) ..................... 267 SPI Mode Timing (Master Mode) SPI Mode Master Mode Timing Diagram .......................... 185 SPI Mode Timing (Slave Mode with CKE = 0) .......... 187 SPI Mode Timing (Slave Mode with CKE = 1) .......... 187 SPI Slave Mode (CKE = 0) ....................................... 268 SPI Slave Mode (CKE = 1) ....................................... 268 Stop Condition Receive or Transmit ......................... 202 Synchronous Reception (Master Mode, SREN) ....... 174 Synchronous Transmission....................................... 172 Synchronous Transmission (Through TXEN) ........... 172 Time-out Sequence Case 1 .............................................................. 216 Case 2 .............................................................. 216 Case 3 .............................................................. 216 Timer0 and Timer1 External Clock ........................... 260 Timer1 Incrementing Edge.......................................... 78 Two Speed Start-up .................................................... 70 Wake-up from Interrupt ............................................. 227 Timing Parameter Symbology........................................... 254 Timing Requirements I2C Bus Data ............................................................. 271 I2C Bus Start/Stop Bits ............................................. 270 SPI Mode .................................................................. 269 TRISA ................................................................................. 39 TRISA Register ................................................................... 39 TRISB ................................................................................. 47 TRISB Register ................................................................... 48 TRISC ................................................................................. 53 TRISC Register ................................................................... 53 TRISD ................................................................................. 57 TRISD Register................................................................... 57 TRISE ................................................................................. 59 TRISE Register................................................................... 59 Two-Speed Clock Start-up Mode........................................ 69 TXREG ............................................................................. 153 TXSTA Register................................................................ 160 BRGH Bit .................................................................. 163 U Ultra Low-Power Wake-up................................ 16, 18, 40, 41 V Voltage Reference (VR) Specifications ........................................................... 262 Voltage Reference. See Comparator Voltage Reference (CVREF) Voltage References Associated Registers.................................................. 97 VP6 Stabilization ........................................................ 94 VREF. SEE ADC Reference Voltage W Wake-up on Break ............................................................ 168 Wake-up Using Interrupts ................................................. 226 Watchdog Timer (WDT).................................................... 224 Associated Registers................................................ 225 Clock Source ............................................................ 224 Modes....................................................................... 224 Period ....................................................................... 224 Specifications ........................................................... 259 Waveform for Slave Mode General Call Address Sequence ................................................... 192 WCOL ............................................................... 196, 198, 201 WCOL Status Flag............................................ 196, 198, 201 WDTCON Register ........................................................... 225 WPUB Register................................................................... 49 WWW Address ................................................................. 323 WWW, On-Line Support ..................................................... 12 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |