Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F610-E/ST Datasheet(PDF) 107 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 107 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 103Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 104Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 105Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 106Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 107Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 108Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 109Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 110Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 111Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 214 page
background image
© 2009 Microchip Technology Inc.
DS41288F-page 107
PIC16F610/616/16HV610/616
11.0
VOLTAGE REGULATOR
The PIC16HV610/16HV616 include a permanent
internal 5 volt (nominal) shunt regulator in parallel with
the VDD pin. This eliminates the need for an external
voltage
regulator
in
systems
sourced
by
an
unregulated supply. All external devices connected
directly to the VDD pin will share the regulated supply
voltage and contribute to the total VDD supply current
(ILOAD).
11.1
Regulator Operation
A shunt regulator generates a specific supply voltage
by creating a voltage drop across a pass resistor RSER.
The voltage at the VDD pin of the microcontroller is
monitored and compared to an internal voltage refer-
ence. The current through the resistor is then adjusted,
based on the result of the comparison, to produce a
voltage drop equal to the difference between the supply
voltage VUNREG and the VDD of the microcontroller.
See Figure 11-1 for voltage regulator schematic.
FIGURE 11-1:
VOLTAGE REGULATOR
An external current limiting resistor, RSER, located
between the unregulated supply, VUNREG, and the VDD
pin, drops the difference in voltage between VUNREG
and VDD. RSER must be between RMAX and RMIN as
defined by Equation 11-1.
EQUATION 11-1:
RSER LIMITING RESISTOR
11.2
Regulator Considerations
The supply voltage VUNREG and load current are not
constant. Therefore, the current range of the regulator
is limited. Selecting a value for RSER must take these
three factors into consideration.
Since the regulator uses the band gap voltage as the
regulated voltage reference, this voltage reference is
permanently enabled in the PIC16HV610/16HV616
devices.
Feedback
VDD
VSS
CBYPASS
RSER
VUNREG
ISUPPLY
ISHUNT
ILOAD
RMAX =
(VUMIN - 5V)
1.05 • (4 MA + ILOAD)
RMIN =
(VUMAX - 5V)
0.95 • (50 MA)
Where:
RMAX = maximum value of RSER (ohms)
RMIN
= minimum value of RSER (ohms)
VUMIN = minimum value of VUNREG
VUMAX = maximum value of VUNREG
VDD
= regulated voltage (5V nominal)
ILOAD = maximum expected load current in mA
including I/O pin currents and external
circuits connected to VDD.
1.05
= compensation for +5% tolerance of RSER
0.95
= compensation for -5% tolerance of RSER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com