Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F610-E/ST Datasheet(PDF) 168 Page - Microchip Technology

Part # PIC16F610-E/ST
Description  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/ST Datasheet(HTML) 168 Page - Microchip Technology

Back Button PIC16F610-E/ST Datasheet HTML 164Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 165Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 166Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 167Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 168Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 169Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 170Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 171Page - Microchip Technology PIC16F610-E/ST Datasheet HTML 172Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 214 page
background image
PIC16F610/616/16HV610/616
DS41288F-page 168
© 2009 Microchip Technology Inc.
15.13 High Temperature Operation
This
section outlines
the specifications
for
the
PIC16F616 device operating in a temperature range
between -40°C and 150°C.(4) The specifications
between -40°C and 150°C(4) are identical to those
shown in DS41302 and DS80329.
TABLE 15-13: ABSOLUTE MAXIMUM RATINGS
Note 1: Writes
are
not
allowed
for
Flash
Program Memory above 125°C.
2: All AC timing specifications are increased
by 30%. This derating factor will include
parameters such as TPWRT.
3: The temperature range indicator in the
part number is “H” for -40°C to 150°C.(4)
Example: PIC16F616T-H/ST indicates the
device is shipped in a tAPE and reel config-
uration, in the TSSOP package, and is
rated for operation from -40°C to 150°C.(4)
4: AEC-Q100 reliability testing for devices
intended to operate at 150°C is 1,000
hours. Any design in which the total oper-
ating time from 125°C to 150°C will be
greater than 1,000 hours is not warranted
without
prior
written
approval
from
Microchip Technology Inc.
Parameter
Source/Sink
Value
Units
Max. Current: VDD
Source
20
mA
Max. Current: VSS
Sink
50
mA
Max. Current: PIN
Source
5
mA
Max. Current: PIN
Sink
10
mA
Pin Current: at VOH
Source
3
mA
Pin Current: at VOL
Sink
8.5
mA
Port Current: A and C
Source
20
mA
Port Current: A and C
Sink
50
mA
Maximum Junction Temperature
155
°C
Note:
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions
above those indicated in the operation listings of this specification is not implied. Exposure above maximum
rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com