Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4580-E/ML Datasheet(PDF) 433 Page - Microchip Technology

Part # PIC18F4580-E/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-E/ML Datasheet(HTML) 433 Page - Microchip Technology

Back Button PIC18F4580-E/ML Datasheet HTML 429Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 430Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 431Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 432Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 433Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 434Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 435Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 436Page - Microchip Technology PIC18F4580-E/ML Datasheet HTML 437Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 433
PIC18F2480/2580/4480/4580
28.3
DC Characteristics: PIC18F2480/2580/4480/4580 (Industrial)
PIC18LF2480/2580/4480/4580 (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
I/O Ports:
D030
with TTL Buffer
VSS
0.15 VDD
VVDD < 4.5V
D030A
—
0.8
V
4.5V
≤ VDD ≤ 5.5V
D031
with Schmitt Trigger Buffer
VSS
0.2 VDD
V
D031A
RC3 and RC4
VSS
0.3 Vdd
V
I2C™ enabled
D031B
VSS
0.8
V
SMBus enabled
D032
MCLR
VSS
0.2 VDD
V
D033
OSC1
VSS
0.3 VDD
VHS, HSPLL modes
D033A
OSC1
VSS
0.2 VDD
V
RC, EC modes(1)
D033B
OSC1
VSS
0.3
V
XT, LP modes
D034
T13CKI
VSS
0.3
V
VIH
Input High Voltage
I/O Ports:
D040
with TTL Buffer
0.25 VDD + 0.8V
VDD
VVDD < 4.5V
D040A
2.0
VDD
V4.5V
≤ VDD ≤ 5.5V
D041
with Schmitt Trigger Buffer
0.8 VDD
VDD
V
D041A
RC3 and RC4
0.7 VDD
VDD
V
I2C™ enabled
D041B
2.1
VDD
V
SMBus enabled, VDD
≥ 3V
D042
MCLR
0.8 VDD
VDD
V
D043
OSC1
0.7 VDD
VDD
VHS, HSPLL modes
D043A
OSC1
0.8 VDD
VDD
VEC mode
D043B
OSC1
0.9 VDD
VDD
V
RC mode(1)
D043C
OSC1
1.6
VDD
V
XT, LP modes
D044
T13CKI
1.6
VDD
V
IIL
Input Leakage Current(2,3)
D060
I/O Ports
—
±200
nA
VDD < 5.5V,
VSS
≤ VPIN ≤ VDD,
Pin at high-impedance
—
±50
nA
VDD < 3V,
VSS
≤ VPIN ≤ VDD,
Pin at high-impedance
D061
MCLR
—
±1
μAVss ≤ VPIN ≤ VDD
D063
OSC1
—
±1
μAVss ≤ VPIN ≤ VDD
IPU
Weak Pull-up Current
D070
IPURB
PORTB Weak Pull-up Current
50
400
μAVDD = 5V, VPIN = VSS
Note 1: In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC® device be driven with an external clock while in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com