Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/P Datasheet(PDF) 268 Page - Microchip Technology

Part # PIC16F883-E/P
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/P Datasheet(HTML) 268 Page - Microchip Technology

Back Button PIC16F883-E/P Datasheet HTML 264Page - Microchip Technology PIC16F883-E/P Datasheet HTML 265Page - Microchip Technology PIC16F883-E/P Datasheet HTML 266Page - Microchip Technology PIC16F883-E/P Datasheet HTML 267Page - Microchip Technology PIC16F883-E/P Datasheet HTML 268Page - Microchip Technology PIC16F883-E/P Datasheet HTML 269Page - Microchip Technology PIC16F883-E/P Datasheet HTML 270Page - Microchip Technology PIC16F883-E/P Datasheet HTML 271Page - Microchip Technology PIC16F883-E/P Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 328 page
background image
PIC16F882/883/884/886/887
DS41291F-page 266
© 2009 Microchip Technology Inc.
FIGURE 17-12:
EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 17-12: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 17-13:
EUSART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 17-13: EUSART SYNCHRONOUS RECEIVE REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
120
TCKH2DTV SYNC XMIT (Master & Slave)
Clock high to data-out valid
—40
ns
121
TCKRF
Clock out rise time and fall time (Master mode)
—
20
ns
122
TDTRF
Data-out rise time and fall time
—
20
ns
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
125
TDTV2CKL SYNC RCV (Master & Slave)
Data-hold before CK
↓ (DT hold time)
10
—
ns
126
TCKL2DTL
Data-hold after CK
↓ (DT hold time)
15
—
ns
Note:
Refer to Figure 17-3 for load conditions.
121
121
120
122
RC6/TX/CK
RC7/RX/DT
pin
pin
Note: Refer to Figure 17-3 for load conditions.
125
126
RC6/TX/CK
RC7/RX/DT
pin
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com