Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/P Datasheet(PDF) 280 Page - Microchip Technology

Part # PIC16F883-E/P
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/P Datasheet(HTML) 280 Page - Microchip Technology

Back Button PIC16F883-E/P Datasheet HTML 276Page - Microchip Technology PIC16F883-E/P Datasheet HTML 277Page - Microchip Technology PIC16F883-E/P Datasheet HTML 278Page - Microchip Technology PIC16F883-E/P Datasheet HTML 279Page - Microchip Technology PIC16F883-E/P Datasheet HTML 280Page - Microchip Technology PIC16F883-E/P Datasheet HTML 281Page - Microchip Technology PIC16F883-E/P Datasheet HTML 282Page - Microchip Technology PIC16F883-E/P Datasheet HTML 283Page - Microchip Technology PIC16F883-E/P Datasheet HTML 284Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 328 page
background image
PIC16F882/883/884/886/887
DS41291F-page 278
© 2009 Microchip Technology Inc.
FIGURE 18-10:
IDD vs. VDD (LP MODE)
FIGURE 18-11:
TYPICAL IDD vs. FOSC OVER VDD (HFINTOSC MODE)
0
10
20
30
40
50
60
70
80
2
.0
2.5
3
.0
3.5
4
.0
4.5
5
.0
5.5
VDD (V)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
σ
(-40°C to 125°C)
32 kHz Maximum
32 kHz Typical
4V
5V
5.5V
197.9192604299.82617 395.019 496.999 574.901
210.9124688 324.4079 431.721 544.182 620.66
239.9707708369.77809 491.538 623.314 717.723
298.6634479460.30461 619.714 793.635 901.409
414.3997292639.99889 878.13 1127.53 1275.6
649.86985881014.4002 1421.21 1858.97 2097.71
2V
3V
4V
5V
5.5V
HFINTOSC
2V
3V
4V
5V
5.5V
0
500
1,000
1,500
2,000
2,500
125 kHz
25 kHz
500 kHz
1 MHz
2 MHz
4 MHz
8 MHz
VDD (V)
Typical: Statistical Mean @25×C
Maximum: Mean (Worst Case Temp) + 3
(-40×C to 125×C)
Typical: Statistical Mean @25°C
Maximum: Mean (Worst-case Temp) + 3
σ
(-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com