Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/P Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC16F883-E/P
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/P Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC16F883-E/P Datasheet HTML 179Page - Microchip Technology PIC16F883-E/P Datasheet HTML 180Page - Microchip Technology PIC16F883-E/P Datasheet HTML 181Page - Microchip Technology PIC16F883-E/P Datasheet HTML 182Page - Microchip Technology PIC16F883-E/P Datasheet HTML 183Page - Microchip Technology PIC16F883-E/P Datasheet HTML 184Page - Microchip Technology PIC16F883-E/P Datasheet HTML 185Page - Microchip Technology PIC16F883-E/P Datasheet HTML 186Page - Microchip Technology PIC16F883-E/P Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 328 page
background image
© 2009 Microchip Technology Inc.
DS41291F-page 181
PIC16F882/883/884/886/887
REGISTER 13-2:
SSPCON: SSP CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
WCOL: Write Collision Detect bit
Master mode:
1
=
A write to the SSPBUF register was attempted while the I2C conditions were not valid for a transmission to be started
0
=
No collision
Slave mode:
1
=
The SSPBUF register is written while it is still transmitting the previous word (must be cleared in software)
0
=
No collision
bit 6
SSPOV: Receive Overflow Indicator bit
In SPI mode:
1
=
A new byte is received while the SSPBUF register is still holding the previous data. In case of overflow, the data in SSPSR
is lost. Overflow can only occur in Slave mode. In Slave mode, the user must read the SSPBUF, even if only transmitting
data, to avoid setting overflow. In Master mode, the overflow bit is not set since each new reception (and transmission) is
initiated by writing to the SSPBUF register (must be cleared in software).
0
=
No overflow
In I2C mode:
1
=
A byte is received while the SSPBUF register is still holding the previous byte. SSPOV is a “don’t care” in Transmit
mode (must be cleared in software).
0
=
No overflow
bit 5
SSPEN: Synchronous Serial Port Enable bit
In both modes, when enabled, these pins must be properly configured as input or output
In SPI mode:
1
=
Enables serial port and configures SCK, SDO, SDI and SS as the source of the serial port pins
0
=
Disables serial port and configures these pins as I/O port pins
In I2C mode:
1
=
Enables the serial port and configures the SDA and SCL pins as the source of the serial port pins
0
=
Disables serial port and configures these pins as I/O port pins
bit 4
CKP: Clock Polarity Select bit
In SPI mode:
1
= Idle state for clock is a high level
0
= Idle state for clock is a low level
In I2C Slave mode:
SCK release control
1
= Enable clock
0
= Holds clock low (clock stretch). (Used to ensure data setup time.)
In I2C Master mode:
Unused in this mode
bit 3-0
SSPM<3:0>: Synchronous Serial Port Mode Select bits
0000
= SPI Master mode, clock = FOSC/4
0001
= SPI Master mode, clock = FOSC/16
0010
= SPI Master mode, clock = FOSC/64
0011
= SPI Master mode, clock = TMR2 output/2
0100
= SPI Slave mode, clock = SCK pin, SS pin control enabled
0101
= SPI Slave mode, clock = SCK pin, SS pin control disabled, SS can be used as I/O pin
0110
= I2C Slave mode, 7-bit address
0111
= I2C Slave mode, 10-bit address
1000
= I2C Master mode, clock = FOSC / (4 * (SSPADD+1))
1001
= Load Mask function
1010
= Reserved
1011
= I2C firmware controlled Master mode (Slave idle)
1100
= Reserved
1101
= Reserved
1110
= I2C Slave mode, 7-bit address with Start and Stop bit interrupts enabled
1111
= I2C Slave mode, 10-bit address with Start and Stop bit interrupts enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com