| Electronic Components Datasheet Search |
|
PIC16F690-E/SS Datasheet(PDF) 125 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690-E/SS Datasheet(HTML) 125 Page - Microchip Technology |
|
125 / 306 page ![]() © 2008 Microchip Technology Inc. DS41262E-page 123 PIC16F631/677/685/687/689/690 10.1.4 READING THE FLASH PROGRAM MEMORY (PIC16F685/PIC16F689/ PIC16F690) To read a program memory location, the user must write the Least and Most Significant address bits to the EEADR and EEADRH registers, set the EEPGD con- trol bit of the EECON1 register, and then set control bit RD. Once the read control bit is set, the program mem- ory Flash controller will use the second instruction cycle to read the data. This causes the second instruc- tion immediately following the “BSF EECON1,RD ” instruction to be ignored. The data is available in the very next cycle, in the EEDAT and EEDATH registers; therefore, it can be read as two bytes in the following instructions. EEDAT and EEDATH registers will hold this value until another read or until it is written to by the user. EXAMPLE 10-3: FLASH PROGRAM READ Note 1: The two instructions following a program memory read are required to be NOPs. This prevents the user from executing a two-cycle instruction on the next instruction after the RD bit is set. 2: If the WR bit is set when EEPGD = 1, it will be immediately reset to ‘0’ and no operation will take place. BANKSEL EEADR ; MOVF MS_PROG_EE_ADDR, W ; MOVWF EEADRH ;MS Byte of Program Address to read MOVF LS_PROG_EE_ADDR, W ; MOVWF EEADR ;LS Byte of Program Address to read BANKSEL EECON1 ; BSF EECON1, EEPGD ;Point to PROGRAM memory BSF EECON1, RD ;EE Read ; NOP ;First instruction after BSF EECON1,RD executes normally NOP ;Any instructions here are ignored as program ;memory is read in second cycle after BSF EECON1,RD ; BANKSEL EEDAT ; MOVF EEDAT, W ;W = LS Byte of Program Memory MOVWF LOWPMBYTE ; MOVF EEDATH, W ;W = MS Byte of Program EEDAT MOVWF HIGHPMBYTE ; BANKSEL 0x00 ;Bank 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |