Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 284 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 284 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 280Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 281Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 282Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 283Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 284Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 285Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 286Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 287Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 284
Preliminary
 2010 Microchip Technology Inc.
16.4.1.5
Synchronous Master Transmission
Set-up:
1.
Initialize the SPBRGHx, SPBRGx register pair
and the BRGH and BRG16 bits to achieve the
desired baud rate (see Section 16.3 “EUSART
Baud Rate Generator (BRG)”).
2.
Set the RXx/DTx and TXx/CKx TRIS controls to
‘1’.
3.
Enable the synchronous master serial port by
setting bits SYNC, SPEN and CSRC. Set the
TRIS bits corresponding to the RXx/DTx and
TXx/CKx I/O pins.
4.
Disable Receive mode by clearing bits SREN
and CREN.
5.
Enable Transmit mode by setting the TXEN bit.
6.
If 9-bit transmission is desired, set the TX9 bit.
7.
If interrupts are desired, set the TXxIE, GIE/
GIEH and PEIE/GIEL interrupt enable bits.
8.
If 9-bit transmission is selected, the ninth bit
should be loaded in the TX9D bit.
9.
Start transmission by loading data to the
TXREGx register.
FIGURE 16-10:
SYNCHRONOUS TRANSMISSION
FIGURE 16-11:
SYNCHRONOUS TRANSMISSION (THROUGH TXEN)
bit 0
bit 1
bit 7
Word 1
bit 2
bit 0
bit 1
bit 7
RXx/DTx
Write to
TXREGx Reg
TXxIF bit
(Interrupt Flag)
TXEN bit
‘1’
‘1’
Word 2
TRMT bit
Write Word 1
Write Word 2
Note:
Sync Master mode, SPBRGx = 0, continuous transmission of two 8-bit words.
pin
TXx/CKx pin
TXx/CKx pin
(SCKP = 0)
(SCKP = 1)
RXx/DTx pin
TXx/CKx pin
Write to
TXREGx reg
TXxIF bit
TRMT bit
bit 0
bit 1
bit 2
bit 6
bit 7
TXEN bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com