Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 296 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 296 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 292Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 293Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 294Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 295Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 296Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 297Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 298Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 299Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 296
Preliminary
 2010 Microchip Technology Inc.
17.2.2
COMPLETION OF A CONVERSION
When the conversion is complete, the ADC module will:
• Clear the GO/DONE bit
• Set the ADIF flag bit
• Update the ADRESH:ADRESL registers with new
conversion result
17.2.3
DISCHARGE
The discharge phase is used to initialize the value of
the capacitor array. The array is discharged after every
sample. This feature helps to optimize the unity-gain
amplifier, as the circuit always needs to charge the
capacitor array, rather than charge/discharge based on
previous measure values.
17.2.4
TERMINATING A CONVERSION
If a conversion must be terminated before completion,
the GO/DONE bit can be cleared by software. The
ADRESH:ADRESL registers will not be updated with
the partially complete Analog-to-Digital conversion
sample. Instead, the ADRESH:ADRESL register pair
will retain the value of the previous conversion.
17.2.5
DELAY BETWEEN CONVERSIONS
After the A/D conversion is completed or aborted, a
2TAD wait is required before the next acquisition can
be started. After this wait, the currently selected
channel is reconnected to the charge holding capacitor
commencing the next acquisition.
17.2.6
ADC OPERATION IN POWER-
MANAGED MODES
The selection of the automatic acquisition time and A/D
conversion clock is determined in part by the clock
source and frequency while in a power-managed mode.
If the A/D is expected to operate while the device is in
a power-managed mode, the ACQT<2:0> and
ADCS<2:0> bits in ADCON2 should be updated in
accordance with the clock source to be used in that
mode. After entering the mode, an A/D acquisition or
conversion may be started. Once started, the device
should continue to be clocked by the same clock
source until the conversion has been completed.
If desired, the device may be placed into the
corresponding Idle mode during the conversion. If the
device clock frequency is less than 1 MHz, the A/D FRC
clock source should be selected.
17.2.7
ADC OPERATION DURING SLEEP
The ADC module can operate during Sleep. This
requires the ADC clock source to be set to the FRC
option. When the FRC clock source is selected, the
ADC waits one additional instruction before starting the
conversion. This allows the SLEEP instruction to be
executed, which can reduce system noise during the
conversion. If the ADC interrupt is enabled, the device
will wake-up from Sleep when the conversion
completes. If the ADC interrupt is disabled, the ADC
module is turned off after the conversion completes,
although the ADON bit remains set.
When the ADC clock source is something other than
FRC, a SLEEP instruction causes the present
conversion to be aborted and the ADC module is
turned off, although the ADON bit remains set.
17.2.8
SPECIAL EVENT TRIGGER
Two Special Event Triggers are available to start an A/D
conversion: CTMU and CCP5. The Special Event
Trigger source is selected using the TRIGSEL bit in
ADCON1.
When TRIGSEL = 0, the CCP5 module is selected as
the Special Event Trigger source. To enable the Special
Event Trigger in the CCP module, set CCP5M<3:0> =
1011, in the CCP5CON register.
When TRIGSEL = 1, the CTMU module is selected.
The CTMU module requires that the CTTRIG bit in
CTMUCONH is set to enable the Special Event Trigger.
In addition to TRIGSEL bit, the following steps are
required to start an A/D conversion:
• The A/D module must be enabled (ADON = 1)
• The appropriate analog input channel selected
• The minimum acquisition period set one of these
ways:
- Timing provided by the user
- Selection made of an appropriate TACQ time
With these conditions met, the trigger sets the GO/DONE
bit and the A/D acquisition starts.
If the A/D module is not enabled (ADON = 0), the
module ignores the Special Event Trigger.
17.2.9
PERIPHERAL MODULE DISABLE
When a peripheral module is not used or inactive, the
module can be disabled by setting the Module Disable
bit in the PMD registers. This will reduce power
consumption to an absolute minimum. Setting the PMD
bits holds the module in Reset and disconnects the
module’s clock source. The Module Disable bit for the
ADC module is ADCMD in the PMD2 Register. See
Section 3.0 “Power-Managed Modes” for more
information.
Note:
A device Reset forces all registers to their
Reset state. Thus, the ADC module is
turned off and any pending conversion is
terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com