Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 319 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 319 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 315Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 316Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 317Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 318Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 319Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 320Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 321Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 322Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 323Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 319
PIC18(L)F2X/4XK22
The module uses the edge Status bits to control the
current source output to external analog modules (such
as the A/D Converter). Current is only supplied to
external modules when only one (but not both) of the
Status bits is set, and shuts current off when both bits
are either set or cleared. This allows the CTMU to
measure current only during the interval between
edges. After both Status bits are set, it is necessary to
clear them before another measurement is taken. Both
bits should be cleared simultaneously, if possible, to
avoid re-enabling the CTMU current source.
In addition to being set by the CTMU hardware, the
edge Status bits can also be set by software. This is
also the user’s application to manually enable or
disable the current source. Setting either one (but not
both) of the bits enables the current source. Setting or
clearing both bits at once disables the source.
19.1.5
INTERRUPTS
The CTMU sets its interrupt flag (PIR3<2>) whenever
the current source is enabled, then disabled. An
interrupt is generated only if the corresponding
interrupt enable bit (PIE3<2>) is also set. If edge
sequencing is not enabled (i.e., Edge 1 must occur
before Edge 2), it is necessary to monitor the edge
Status bits and determine which edge occurred last and
caused the interrupt.
19.2
CTMU Module Initialization
The following sequence is a general guideline used to
initialize the CTMU module:
1.
Select the current source range using the IRNG
bits (CTMUICON<1:0>).
2.
Adjust the current source trim using the ITRIM
bits (CTMUICON<7:2>).
3.
Configure the edge input sources for Edge 1 and
Edge 2 by setting the EDG1SEL and EDG2SEL
bits (CTMUCONL<3:2 and 6:5>).
4.
Configure the input polarities for the edge inputs
using the EDG1POL and EDG2POL bits
(CTMUCONL<4,7>). The default configuration
is for negative edge polarity (high-to-low
transitions).
5.
Enable edge sequencing using the EDGSEQEN
bit
(CTMUCONH<2>).
By
default,
edge
sequencing is disabled.
6.
Select the operating mode (Measurement or
Time Delay) with the TGEN bit. The default
mode is Time/Capacitance Measurement.
7.
Discharge the connected circuit by setting the
IDISSEN bit (CTMUCONH<1>); after waiting a
sufficient time for the circuit to discharge, clear
IDISSEN.
8.
Disable the module by clearing the CTMUEN bit
(CTMUCONH<7>).
9.
Enable the module by setting the CTMUEN bit.
10. Clear the Edge Status bits: EDG2STAT and
EDG1STAT (CTMUCONL<1:0>).
11. Enable both edge inputs by setting the EDGEN
bit (CTMUCONH<3>).
Depending on the type of measurement or pulse
generation being performed, one or more additional
modules may also need to be initialized and configured
with the CTMU module:
• Edge Source Generation: In addition to the
external edge input pins, both Timer1 and the
Output Compare/PWM1 module can be used as
edge sources for the CTMU.
• Capacitance or Time Measurement: The CTMU
module uses the A/D Converter to measure the
voltage across a capacitor that is connected to one
of the analog input channels.
• Pulse Generation: When generating system clock
independent output pulses, the CTMU module
uses Comparator 2 and the associated
comparator voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com