Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 335 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 335 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 331Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 332Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 333Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 334Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 335Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 336Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 337Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 338Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 339Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 335
PIC18(L)F2X/4XK22
TABLE 20-1:
DIVSRCLK FREQUENCY TABLE
SRCLK<2:0>
Divider
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 8 MHz FOSC = 4 MHz
FOSC = 1 MHz
111
512
25.6
s32 s64 s
128
s
512
s
110
256
12.8
s16 s32 s64 s
256
s
101
128
6.4
s8 s16 s32 s
128
s
100
64
3.2
s4 s8 s16 s64 s
011
32
1.6
s2 s4 s8 s32 s
010
16
0.8
s1 s2 s4 s16 s
001
80.4
s0.5 s1 s2 s8 s
000
40.2
s0.25 s0.5 s1 s4 s
REGISTER 20-1:
SRCON0: SR LATCH CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SRLEN
SRCLK<2:0>
SRQEN
SRNQEN
SRPS
SRPR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented
C = Clearable only bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
SRLEN: SR Latch Enable bit(1)
1 = SR latch is enabled
0 = SR latch is disabled
bit 6-4
SRCLK<2:0>: SR Latch Clock Divider Bits
000 = Generates a 2 TOSC wide pulse on DIVSRCLK every 4 peripheral clock cycles
001 = Generates a 2 TOSC wide pulse on DIVSRCLK every 8 peripheral clock cycles
010 = Generates a 2 TOSC wide pulse on DIVSRCLK every 16 peripheral clock cycles
011 = Generates a 2 TOSC wide pulse on DIVSRCLK every 32 peripheral clock cycles
100 = Generates a 2 TOSC wide pulse on DIVSRCLK every 64 peripheral clock cycles
101 = Generates a 2 TOSC wide pulse on DIVSRCLK every 128 peripheral clock cycles
110 = Generates a 2 TOSC wide pulse on DIVSRCLK every 256 peripheral clock cycles
111 = Generates a 2 TOSC wide pulse on DIVSRCLK every 512 peripheral clock cycles
bit 3
SRQEN: SR Latch Q Output Enable bit
1 = Q is present on the SRQ pin
0 = Q is internal only
bit 2
SRNQEN: SR Latch Q Output Enable bit
1 =Q is present on the SRNQ pin
0 =Q is internal only
bit 1
SRPS: Pulse Set Input of the SR Latch bit(2)
1 = Pulse set input for 2 TOSC clock cycles
0 = No effect on set input
bit 0
SRPR: Pulse Reset Input of the SR Latch bit(2)
1 = Pulse reset input for 2 TOSC clock cycles
0 = No effect on Reset input
Note 1:
Changing the SRCLK bits while the SR latch is enabled may cause false triggers to the set and Reset
inputs of the latch.
2:
Set only, always reads back ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com