Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 351 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 351 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 347Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 348Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 349Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 350Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 351Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 352Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 353Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 354Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 355Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 351
PIC18(L)F2X/4XK22
REGISTER 24-1:
CONFIG1H: CONFIGURATION REGISTER 1 HIGH
R/P-0
R/P-0
R/P-1
R/P-0
R/P-0
R/P-1
R/P-0
R/P-1
IESO
FCMEN
PRICLKEN
PLLCFG
FOSC<3:0>
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
x = Bit is unknown
bit 7
IESO(1): Internal/External Oscillator Switchover bit
1 = Oscillator Switchover mode enabled
0 = Oscillator Switchover mode disabled
bit 6
FCMEN(1): Fail-Safe Clock Monitor Enable bit
1 = Fail-Safe Clock Monitor enabled
0 = Fail-Safe Clock Monitor disabled
bit 5
PRICLKEN: Primary Clock Enable bit
1 = Primary Clock is always enabled
0 = Primary Clock can be disabled by software
bit 4
PLLCFG: 4 x PLL Enable bit
1 = 4 x PLL always enabled, Oscillator multiplied by 4
0 = 4 x PLL is under software control, PLLEN (OSCTUNE<6>)
bit 3-0
FOSC<3:0>: Oscillator Selection bits
1111 = External RC oscillator, CLKOUT function on RA6
1110 = External RC oscillator, CLKOUT function on RA6
1101 = EC oscillator (low power, <500 kHz)
1100 = EC oscillator, CLKOUT function on OSC2 (low power, <500 kHz)
1011 = EC oscillator (medium power, 500 kHz-16 MHz)
1010 = EC oscillator, CLKOUT function on OSC2 (medium power, 500 kHz-16 MHz)
1001 = Internal oscillator block, CLKOUT function on OSC2
1000 = Internal oscillator block
0111 = External RC oscillator
0110 = External RC oscillator, CLKOUT function on OSC2
0101 = EC oscillator (high power, >16 MHz)
0100 = EC oscillator, CLKOUT function on OSC2 (high power, >16 MHz)
0011= HS oscillator (medium power, 4 MHz-16 MHz)
0010= HS oscillator (high power, >16 MHz)
0001= XT oscillator
0000= LP oscillator
Note 1:
When FOSC<3:0> is configured for HS, XT, or LP oscillator and FCMEN bit is set, then the IESO bit
should also be set to prevent a false failed clock indication and to enable automatic clock switch over from
the internal oscillator block to the external oscillator when the OST times out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com