Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 434 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 434 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 430Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 431Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 432Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 433Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 434Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 435Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 436Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 437Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 438Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 434
Preliminary
 2010 Microchip Technology Inc.
27.7
DC Characteristics: Secondary Oscillator Supply Current, PIC18(L)F2X/4XK22
PIC18LF2X/4XK22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
PIC18F2X/4XK22
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +125°C
Param
No.
Device Characteristics
Typ
Max Units
Conditions
D130
Supply Current (IDD)(1),(2)
4.0
14
A
-40°C
VDD = 1.8V
FOSC = 32 kHz
(SEC_RUN mode,
SOSC source)
4.5
14
A+25°C
5.0
—
A+60°C
5.5
18
A+85°C
9.0
30
A
+125°C
D131
7.0
20
A
-40°C
VDD = 3.0V
7.5
20
A+25°C
8.0
—
A+60°C
8.5
22
A+85°C
11.0
35
A
+125°C
D132
12
50
A
-40°C
VDD = 1.8V
FOSC = 32 kHz
(SEC_RUN mode,
SOSC source)
16
50
A
+25°C
19
50
A
+85°C
22
60
A
+125°C
D133
16
50
A
-40°C
VDD = 3.0V
20
50
A
+25°C
23
50
A
+85°C
27
60
A
+125°C
D134
18
50
A
-40°C
VDD = 5.0V
22
50
A
+25°C
25
50
A
+85°C
30
60
A
+125°C
D135
1.5
8
A
-40°C
VDD = 1.8V
FOSC = 32 kHz
(SEC_IDLE mode,
SOSC source)
2.0
8
A+25°C
2.5
—
A+60°C
3.0
10
A+85°C
6.0
25
A
+125°C
D136
2.0
10
A
-40°C
VDD = 3.0V
2.5
10
A+25°C
3.0
—
A+60°C
3.5
12
A+85°C
7.0
30
A
+125°C
Note 1:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as
I/O pin loading and switching rate, oscillator type and circuit, internal code execution pattern and temper-
ature, also have an impact on the current consumption.
2:
The test conditions for all IDD measurements in active operation mode are:
All I/O pins set as outputs driven to VSS;
MCLR = VDD;
OSC1 = external square wave, from rail-to-rail (PRI_RUN and PRI_IDLE only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com