Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 445 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 445 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 441Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 442Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 443Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 444Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 445Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 446Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 447Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 448Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 449Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 445
PIC18(L)F2X/4XK22
FIGURE 27-5:
CLKOUT AND I/O TIMING
Note:
Refer to Figure 27-3 for load conditions.
OSC1
CLKOUT
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
TABLE 27-9:
CLKOUT AND I/O TIMING REQUIREMENTS
Param.
No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TosH2ckL
OSC1
 to CLKOUT 
—75
200
ns
(Note 1)
11
TosH2ckH
OSC1
 to CLKOUT 
—75
200
ns
(Note 1)
12
TckR
CLKOUT Rise Time
—
35
100
ns
(Note 1)
13
TckF
CLKOUT Fall Time
—
35
100
ns
(Note 1)
14
TckL2ioV
CLKOUT
 to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15
TioV2ckH
Port In Valid before CLKOUT
0.25 TCY + 25
—
—
ns
(Note 1)
16
TckH2ioI
Port In Hold after CLKOUT
0—
—
ns
(Note 1)
17
TosH2ioV
OSC1
 (Q1 cycle) to Port Out Valid
—
50
150
ns
18
TosH2ioI
OSC1
 (Q2 cycle) to Port Input Invalid
(I/O in hold time)
100
—
—
ns
19
TioV2osH
Port Input Valid to OSC1
(I/O in setup time)
0
—
—
ns
20
TioR
Port Output Rise Time
—
10
25
ns
21
TioF
Port Output Fall Time
—
10
25
ns
22†
TINP
INTx pin High or Low Time
20
—
—
ns
23†
TRBP
RB<7:4> Change KBIx High or Low Time
TCY
——
ns
† These parameters are asynchronous events not related to any internal clock edges.
Note 1:
Measurements are taken in RC mode, where CLKOUT output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com