Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 478 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 478 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 474Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 475Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 476Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 477Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 478Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 479Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 480Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 481Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 482Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 478
Preliminary
 2010 Microchip Technology Inc.
APPENDIX B: DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Features(1)
PIC18F23K22
PIC18LF23K22
PIC18F24K22
PIC18LF24K22
PIC18F25K22
PIC18LF25K22
PIC18F26K22
PIC18LF26K22
PIC18F43K22
PIC18LF43K22
PIC18F44K22
PIC18LF44K22
PIC18F45K22
PIC18LF45K22
PIC18F46K22
PIC18LF46K22
Program Memory
(Bytes)
8192
16384
32768
65536
8192
16384
32768
65536
SRAM (Bytes)
512
768
1536
3896
512
768
1536
3896
EEPROM (Bytes)
256
256
256
1024
256
256
256
1024
Interrupt Sources
26
26
33
33
26
26
33
33
I/O Ports
Ports A, B, C,
(E)
Ports A, B, C,
(E)
Ports A, B, C,
(E)
Ports A, B, C,
(E)
Ports A, B, C,
D, E
Ports A, B, C,
D, E
Ports A, B, C,
D, E
Ports A, B, C,
D, E
Capture/Compare/PWM
Modules (CCP)
22
2
2
2
2
2
2
Enhanced CCP Modules
(ECCP) Full Bridge
11
1
1
2
2
2
2
ECCP Module
Half Bridge
22
2
2
1
1
1
1
10-bit Analog-to-Digital
Module
17 input
channels
17 input
channels
17 input
channels
17 input
channels
28 input
channels
28 input
channels
28 input
channels
28 input
channels
Packages
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
28-pin UQFN
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
28-pin UQFN
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
28-pin PDIP
28-pin SOIC
28-pin SSOP
28-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN
40-pin PDIP
44-pin TQFP
44-pin QFN
Note 1: PIC18FXXK22: operating voltage, 1.8V-5.5V.
PIC18LFXXK22: operating voltage, 1.8V-3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com