Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 110Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 111Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 112Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 113Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 114Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 115Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 116Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 117Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 492 page
background image
PIC18(L)F2X/4XK22
DS41412B-page 114
Preliminary
 2010 Microchip Technology Inc.
instructions. Individual interrupt flag bits are set,
regardless of the status of their corresponding enable
bits or the Global Interrupt Enable bit.
FIGURE 9-1:
PIC18 INTERRUPT LOGIC
Note:
Do not use the MOVFF instruction to modify
any of the interrupt control registers while
any interrupt is enabled. Doing so may
cause erratic microcontroller behavior.
TMR0IE
GIEH/GIE
Wake-up if in
Interrupt to CPU
Vector to Location
0008h
INT2IF
INT2IE
INT2IP
INT1IF
INT1IE
INT1IP
TMR0IF
TMR0IE
TMR0IP
RBIF
RBIE
RBIP
TMR0IF
TMR0IP
INT1IF
INT1IE
INT1IP
INT2IF
INT2IE
INT2IP
RBIF
RBIE
RBIP
INT0IF
INT0IE
GIEL/PEIE
Interrupt to CPU
Vector to Location
IPEN
IPEN
0018h
High Priority Interrupt Generation
Low Priority Interrupt Generation
Idle or Sleep modes
GIEH/GIE
Note 1:
The RBIF interrupt also requires the individual pin IOCB enables.
(1)
(1)
PIR1<6:0>
PIE1<6:0>
IPR1<6:0>
PIR2<7:0>
PIE2<7:0>
IPR2<7:0>
PIR3<7:0>
PIE3<7:0>
IPR3<7:0>
PIR4<2:0>
PIE4<2:0>
IPR4<2:0>
PIR5<2:0>
PIE5<2:0>
IPR5<2:0>
PIR1<6:0>
PIE1<6:0>
IPR1<6:0>
PIR2<7:0>
PIE2<7:0>
IPR2<7:0>
PIR3<7:0>
PIE3<7:0>
IPR3<7:0>
PIR4<2:0>
PIE4<2:0>
IPR4<2:0>
PIR5<2:0>
PIE5<2:0>
IPR5<2:0>
IPEN
GIEL/PEIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com