Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F23K22-E/P Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC18F23K22-E/P
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/P Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC18F23K22-E/P Datasheet HTML 137Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 138Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 139Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 140Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 141Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 142Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 143Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 144Page - Microchip Technology PIC18F23K22-E/P Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 492 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412B-page 141
PIC18(L)F2X/4XK22
RB6/KBI2/PGC
RB6
01
O
DIG
LATB<6> data output; not affected by analog input.
10
I
ST
PORTB<6> data input; disabled when analog input
enabled.
IOC2
10
I
TTL
Interrupt-on-change pin.
TX2(3)
01
O
DIG
EUSART 2 asynchronous transmit data output.
CK2(3)
01
O
DIG
EUSART 2 synchronous serial clock output.
10
I
ST
EUSART 2 synchronous serial clock input.
PGC
xx
I
ST
In-Circuit Debugger and ICSPTM programming clock input.
RB7/KBI3/PGD
RB7
01
O
DIG
LATB<7> data output; not affected by analog input.
10
I
ST
PORTB<7> data input; disabled when analog input
enabled.
IOC3
10
I
TTL
Interrupt-on-change pin.
RX2(2), (3)
10
I
ST
EUSART 2 asynchronous receive data input.
DT2(2), (3)
01
O
DIG
EUSART 2 synchronous serial data output.
10
I
ST
EUSART 2 synchronous serial data input.
PGD
xx
O
DIG
In-Circuit Debugger and ICSPTM programming data output.
xx
I
ST
In-Circuit Debugger and ICSPTM programming data input.
TABLE 10-5:
PORTB I/O SUMMARY (CONTINUED)
Pin
Function
TRIS
Setting
ANSEL
Setting
Pin
Type
Buffer
Type
Description
Legend:
AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS =
CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM
= Schmitt Trigger input with I2C.
Note 1:
Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are set.
2:
Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and
CCP2MX are clear.
3:
Function on PORTD and PORTE for PIC18(L)F4XK22 devices.
TABLE 10-6:
REGISTERS ASSOCIATED WITH PORTB
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELB
—
—
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
153
ECCP2AS
CCP2ASE
CCP2AS<2:0>
P2SSAC<1:0>
P2SSBD<1:0>
205
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
201
ECCP3AS
CCP3ASE
CCP3AS<2:0>
P3SSAC<1:0>
P3SSBD<1:0>
205
CCP3CON
P3M<1:0>
DC3B<1:0>
CCP3M<3:0>
201
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—
TMR0IP
—RBIP
116
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
117
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
—
—
—
—156
LATB
LATB7
LATB6
LATB5
LATB4
LATB3
LATB2
LATB1
LATB0
155
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
151
SLRCON
—
—
—
SLRE(1)
SLRD(1)
SLRC
SLRB
SLRA
156
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/DONE
T1GVAL
T1GSS<1:0>
171
T3CON
TMR3CS<1:0>
T3CKPS<1:0>
T3SOSCEN
T3SYNC
T3RD16 TMR3ON
170
T5GCON
TMR5GE
T5GPOL
T5GTM
T5GSPM
T5GGO_DONE
T5GVAL
T5GSS
171
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3
TRISB2
TRISB1
TRISB0
154
WPUB
WPUB7
WPUB6
WPUB5
WPUB4
WPUB3
WPUB2
WPUB1
WPUB0
155
Legend:
— = unimplemented locations, read as ‘0’. Shaded bits are not used for PORTB.
Note 1:
Available on PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com